Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 18 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 14Page - Texas Instruments XIO2001IPNP Datasheet HTML 15Page - Texas Instruments XIO2001IPNP Datasheet HTML 16Page - Texas Instruments XIO2001IPNP Datasheet HTML 17Page - Texas Instruments XIO2001IPNP Datasheet HTML 18Page - Texas Instruments XIO2001IPNP Datasheet HTML 19Page - Texas Instruments XIO2001IPNP Datasheet HTML 20Page - Texas Instruments XIO2001IPNP Datasheet HTML 21Page - Texas Instruments XIO2001IPNP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 144 page
background image
18
XIO2001
SCPS212I – MAY 2009 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
PCI Express Differential Transmitter Output Ranges (continued)
PARAMETER
TERMINALS
MIN
NOM
MAX
UNIT
COMMENTS
(7)
Measurement is made over at least 10 UI.
VTX-CM-AC-P
(7)
TX AC common mode voltage
TXP, TXN
20
mV
ITX-SHORT
Transmitter short-circuit current limit
TXP, TXN
90
mA
The total current transmitter can supply when shorted to
ground.
VTX-DC-CM
Transmitter DC common-mode voltage
TXP, TXN
0
3.6
V
The allowed DC common-mode voltage at the transmitter
pins under any conditions.
VTX-CM-DC-ACTIVE-IDLE-DELTA
Absolute delta of DC common mode
voltage during L0 and electrical idle
TXP, TXN
0
100
mV
|VTX-CM-DC – VTX-CM-Idle-DC|
≤ 100 mV
VTX-CM-DC = DC(avg) of |VTXP + VTXN|/2 [during L0]
VTX-CM-Idle-DC = DC(avg) of |VTXP + VTXN|/2 [during electrical
idle]
VTX-CM-DC-LINE-DELTA
Absolute delta of DC common mode
voltage between P and N
TXP, TXN
0
25
mV
|VTXP-CM-DC – VTXN-CM-DC| ≤25 mV when
VTXP-CM-DC = DC(avg) of |VTXP| [during L0]
VTXN-CM-DC = DC(avg) of |VTXN| [during L0]
VTX-IDLE-DIFF-AC-p
Electrical idle differential peak output
voltage
TXP, TXN
0
20
mV
VTX-IDLE-DIFFp = |VTXP-Idle – VTXN-Idle| ≤ 20 mV
VTX-RCV-DETECT
The amount of voltage change allowed
during receiver detection
TXP, TXN
600
mV
The total amount of voltage change that a transmitter can
apply to sense whether a low impedance receiver is
present.
TTX-IDLE-MIN
Minimum time spent in electrical idle
TXP, TXN
20
ns
Minimum time a transmitter must be in electrical idle.
TTX-IDLE-SET-TO-IDLE
Maximum time to transition to a valid
electrical idle after sending an EIOS
TXP, TXN
8
ns
After sending the required number of EIOSs, the
transmitter must meet all electrical idle specifications
within this time. This is measured from the end of the last
EIOS to the transmitter in electrical idle.
TTX-IDLE-TO-DIFF-DATA
Maximum time to transition to a valid diff
signaling after leaving electrical idle
TXP, TXN
8
ns
Maximum time to transistion to valid diff signaling after
leaving electrical idle. This is considered a debounce time
to the Tx.
CTX
AC coupling capacitor
TXP, TXN
75
200
nF
All transmitters shall be AC coupled. The AC coupling is
required either within the media or within the transmitting
component itself.
(1)
No test load is necessarily associated with this value.
(2)
Specified at the measurement point and measured over any 250 consecutive UIs. A test load must be used as the RX device when
taking measurements. If the clocks to the RX and TX are not derived from the same reference clock, then the TX UI recovered from
3500 consecutive UIs is used as a reference for the eye diagram.
(3)
A TRX-EYE = 0.40 UI provides for a total sum of 0.60 UI deterministic and random jitter budget for the transmitter and interconnect
collected any 250 consecutive UIs. The TRX-EYE-MEDIAN-to-MAX-JITTER specification ensures a jitter distribution in which the
median and the maximum deviation from the median is less than half of the total UI jitter budget collected over any 250 consecutive TX
UIs. It must be noted that the median is not the same as the mean. The jitter median describes the point in time where the number of
jitter points on either side is approximately equal as opposed to the averaged time value. If the clocks to the RX and TX are not derived
from the same reference clock, then the TX UI recovered from 3500 consecutive UIs must be used as the reference for the eye
diagram.
(4)
A single PLL bandwidth and peaking value of 1.5 to 22 MHz and 3 dB are defined.
6.7 PCI Express Differential Receiver Input Ranges
PARAMETER
TERMINALS
MIN
NOM
MAX
UNIT
COMMENTS
UI(1)
Unit interval
RXP, RXN
399.88
400.12
ps
Each UI is 400 ps ±300 ppm. UI does not account for
SSC dictated variations.
VRX-DIFF-PP-CC
(2)
Differential input peak-to-peak voltage
RXP, RXN
0.175
1.200
V
VRX-DIFFp-p = 2*|VRXP – VRXN|
TRX-EYE
(2) (3)
Minimum receiver eye width
RXP, RXN
0.4
UI
The maximum interconnect media and transmitter jitter
that can be tolerated by the receiver is derived as TRX-
MAX-JITTER = 1 – TRX-EYE = 0.6 UI
TRX-EYE-MEDIAN-to-MAX-JITTER
(2) (3)
Maximum time between the jitter median
and maximum deviation from the median
RXP, RXN
0.3
UI
Jitter is defined as the measurement variation of the
crossing points (VRX-DIFFp-p = 0 V) in relation to
recovered TX UI. A recovered TX UI is calculated over
3500 consecutive UIs of sample data. Jitter is
measured using all edges of the 250 consecutive UIs
in the center of the 3500 UIs used for calculating the
TX UI.
BWRX-PLL-HI
(4)
Maximum Rx PLL bandwidth
RXP, RXN
22
MHz
Second order PLL jitter transfer bounding function.
BWRX-PLL-LO-3DB
(4)
Minimum Rx PLL for 3 dB peaking
RXP, RXN
1.5
MHz
Second order PLL jitter transfer bounding function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com