Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 116 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 116 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 112Page - Texas Instruments XIO2001IPNP Datasheet HTML 113Page - Texas Instruments XIO2001IPNP Datasheet HTML 114Page - Texas Instruments XIO2001IPNP Datasheet HTML 115Page - Texas Instruments XIO2001IPNP Datasheet HTML 116Page - Texas Instruments XIO2001IPNP Datasheet HTML 117Page - Texas Instruments XIO2001IPNP Datasheet HTML 118Page - Texas Instruments XIO2001IPNP Datasheet HTML 119Page - Texas Instruments XIO2001IPNP Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 144 page
background image
116
XIO2001
SCPS212I – MAY 2009 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Typical Application (continued)
The selection of bulk capacitors with low-ESR specifications is recommended to minimize low-frequency power
supply noise. Today, the best low-ESR bulk capacitors are radial leaded aluminum electrolytic capacitors. These
capacitors typically have ESR specifications that are less than 0.01
Ω at 100 kHz. Also, several manufacturers
sell “ D ” size surface mount specialty polymer solid aluminum electrolytic capacitors with ESR specifications
slightly higher than 0.01
Ω at 100 kHz. Both of these bulk capacitor options significantly reduce low-frequency
power supply noise and ripple.
9.2.1.2 Detailed Design Procedure
9.2.1.2.1
PCI Bus Interface
The XIO2001 has a 32-bit PCI interface that can operate at 25 MHz, 33 MHz, 50 MHz or 66 MHz. This interface
is compliant with the PCI Local Bus Specification , Revision 2.3 and 3.0. The remainder of this section describes
implementation considerations for the XIO2001 secondary PCI bus interface.
•
AD31:0, C/BE[3:0], PAR, DEVSEL, FRAME, STOP, TRDY, PERR, SERR, and IRDY are required signals and
must be connected to each PCI bus device. The maximum signal loading specification for a 66 MHz bus is 30
pF and for a 33 MHz bus is 50 pF. PCI bus approved pullup resistors connected to VCCP are needed on the
following terminals: IRDY, TRDY, FRAME, STOP, PERR, SERR, and DEVSEL.
•
The XIO2001 supports up to six external PCI bus devices with individual CLKOUT, REQ, and GNT signals.
An internal PCI bus clock generator function provides six low-skew clock outputs. Plus, there are six REQ
inputs and six GNT outputs from the internal PCI bus arbiter. Each PCI bus device connects to one CLKOUT
signal, one REQ signal, and one GNT signal. All three signals are point-to- point connections. Unused
CLKOUT signals can be disabled by asserting the appropriate CLOCK_DISABLE bit in the clock control
register at offset D8h. Unused REQ signals can be disabled using a weak pullup resistor to VCCP. Unused
GNT signals are no connects.
•
An external clock feedback feature is provided to de-skew PCI bus clocks. Connecting the CLKOUT[6]
terminal to the CLK terminal is required if any of the other six CLKOUT[5:0] terminals are used to clock PCI
bus devices. The CLKOUT signals should be slightly longer than the longest synchronous PCI bus signal
trace. Figure 25 illustrates the external PCI bus clock feedback feature. The use of series resistors on the
seven PCI bus clocks should be considered to reduce circuit board EMI.
NOTE
There is one exception to this length matching rule associated with connecting a CLKOUT
signal to PCI socket. For this case, the CLKOUT signal connected to a PCI socket should
be 2.5 inches shorter than the other CLKOUT signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com