Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 138 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 138 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 134Page - Texas Instruments XIO2001IPNP Datasheet HTML 135Page - Texas Instruments XIO2001IPNP Datasheet HTML 136Page - Texas Instruments XIO2001IPNP Datasheet HTML 137Page - Texas Instruments XIO2001IPNP Datasheet HTML 138Page - Texas Instruments XIO2001IPNP Datasheet HTML 139Page - Texas Instruments XIO2001IPNP Datasheet HTML 140Page - Texas Instruments XIO2001IPNP Datasheet HTML 141Page - Texas Instruments XIO2001IPNP Datasheet HTML 142Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 144 page
background image
www.ti.com
PACKAGE OUTLINE
C
1.4 MAX
TYP
0.45
0.35
9.6
TYP
9.6 TYP
0.8 TYP
0.8 TYP
169X 0.55
0.45
A
12.1
11.9
B
12.1
11.9
(1.2) TYP
(1.2) TYP
(0.9)
PBGA - 1.4 mm max height
ZWS0169A
PLASTIC BALL GRID ARRAY
4221886/B 09/2015
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
11
BALL A1 CORNER
SEATING PLANE
BALL TYP
0.12 C
0.15
C A
B
0.05
C
SYMM
SYMM
BALL A1 CORNER
C
D
E
F
G
H
J
K
L
M
1 2
3 4 5 6 7 8
9 10
A
B
12 13
N
SCALE 1.100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com