Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9942 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9942
Description  Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9942 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9942 Datasheet HTML 9Page - STMicroelectronics L9942 Datasheet HTML 10Page - STMicroelectronics L9942 Datasheet HTML 11Page - STMicroelectronics L9942 Datasheet HTML 12Page - STMicroelectronics L9942 Datasheet HTML 13Page - STMicroelectronics L9942 Datasheet HTML 14Page - STMicroelectronics L9942 Datasheet HTML 15Page - STMicroelectronics L9942 Datasheet HTML 16Page - STMicroelectronics L9942 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
L9942
3 Electrical specifications
13/37
3.4
Electrical characteristics
3.4.1
Supply
VS = 7 to 16V, VCC = 3.0 to 5.3 V, Tj = -40 to 150 °C, IREF = -200 µA , unless otherwise
specified. The voltages are referred to GND and currents are assumed positive, when the
current flows into the pin.
Note: 1 This parameter is guaranteed by design.
Table 7.
Supply
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
IS
VS DC supply current in
active mode
VS = 13.5 V, EN=VCC outputs
floating
7
20
mA
VS quiescent supply current
VS = 13.5 V, TEST,
EN = 0V outputs
floating
Tj = -40 °C
to 25°C
3
10
µA
Tj = 125 °C
6
20
ICC
VCC DC supply current in
active mode
VCC = 5.0 V EN=VCC,
DI=CLK=STEP=0V
1
3
mA
VCC = 5.0 V TEST;
EN = 0V; CSN =
VCC no clocks
outputs floating
Tj = -40 °C
to 25°C
1
3
µA
ICC
VCC quescent suppy current
CSN=VCC no
clocks outputs
floating
Tj = 125 °C
2
6
µA
VS = 13.5 V, VCC =
5.0 V
Tj = -40 °C
to 25°C
4
13
µA
IS + ICC
Sum quiescent supply current
TEST; EN=0V
CSN=VCC no
clocks outputs
floating
Tj = 125 °C
8
26
tsetPOR
1
VCC on set up time
EN = 5V, CSN=CLK=0V DO
changes from high ohmic to logic
level LOW
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com