Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9942 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9942
Description  Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9942 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9942 Datasheet HTML 28Page - STMicroelectronics L9942 Datasheet HTML 29Page - STMicroelectronics L9942 Datasheet HTML 30Page - STMicroelectronics L9942 Datasheet HTML 31Page - STMicroelectronics L9942 Datasheet HTML 32Page - STMicroelectronics L9942 Datasheet HTML 33Page - STMicroelectronics L9942 Datasheet HTML 34Page - STMicroelectronics L9942 Datasheet HTML 35Page - STMicroelectronics L9942 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
7 Appendix
L9942
32/37
Fast decay can be seen as switching the bridge in opposite direction, if it is compared to ON
state before. The load current control at HS switch is not used, but the comparator is still active.
The reference value is changed to overcurrent limit and a shortage to ground or now between
the outputs too will result in a signal. The internal filter time of at least 4 us will inhibit the signal
in many applications. Then you can use the mode “auto decay without any delay time“ (On
Section 5.1 on page 21 mode 100). On page 34 you can find in the lower part of Figure 3 the
phase counter values, when fast decay as only part of mixed decay is used and the shortages
can be detected during a longer time. After this it is signalised in register 7 as overcurrent in HS
switch (e.g. in
Figure 17 HSA1).
Figure 15. Stall Detection
0 1 2 3 45 67 876 5 432 1 0 12 3 4 56 7 8 765 4 3 2 1
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
012 3 456 7 8 76 5 4 32 1 0 123 4 5 67
87 6 5 4 3 2 1
Current Driver A
Current Driver B
STEP Signal
Adress of Current
Profile Entry
Phase Counter
Micro Stepping Mode: DIR=0
01 23 45 67 87 6 5 43 2 1 0 1 23 45 6 7 8 7 6 5 4 3 2 1
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1
0 123 4 5 67 876 5 4 3 21 01 23 45 67
87 65 43 21
Current Driver A
Current Driver B
Micro Stepping Mode: DIR=1
0
Adress of Current
Profile Entry
Time
PWM activ detection
Load Current Rising During High Speed
PWM activ
counter
Stall
Threshold
Stall
Threshold
Activ
sampling and
threshold
Activ
sampling and
threshold
PWM activ
counter
PWM activ detection
PWM activ detection
Counter value is above threshold value.
bit6
bit7
D7
D6
D5
D4
D3
D2
D1
D0
Register 4
bit5
bit6
bit7
Reg3
Register 5
bit5
bit6
bit7
Stall
Time
Threshold
16us *
No
Stall Signal
012 345 67 8 7 65 43 21 0 1 23 4 5 67 8 7 6 5 4 3 2 1
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
0 1 23 45 67 8 7 65 4 3 21 0 1 2 3 4 5 67
876 543 21
Current Driver A
Current Driver B
STEP Signal
Adress of Current
Profile Entry
Phase Counter
Micro Stepping Mode: DIR=0
0 1 23 4567 8 76 5 4321 0 1 2 3 4 5 678 7 6 5 4 3 2 1
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1
0 1 2 3 4567 8 7 6 5 4 3 210 1 2 3 4 5 67
8 7 65 4321
Current Driver A
Current Driver B
Micro Stepping Mode: DIR=1
0
Adress of Current
Profile Entry
Time
PWM activ detection
PWM activ
counter
Stall
Threshold
Stall
Threshold
Activ
sampling and
threshold
Activ
sampling and
threshold
PWM activ
counter
PWM activ detection
PWM activ detection
Stall Signal
Stall Signal
Load Current Rising During Low Speed or Stall
Counter value is below threshold value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com