Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9942 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L9942
Description  Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9942 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L9942 Datasheet HTML 15Page - STMicroelectronics L9942 Datasheet HTML 16Page - STMicroelectronics L9942 Datasheet HTML 17Page - STMicroelectronics L9942 Datasheet HTML 18Page - STMicroelectronics L9942 Datasheet HTML 19Page - STMicroelectronics L9942 Datasheet HTML 20Page - STMicroelectronics L9942 Datasheet HTML 21Page - STMicroelectronics L9942 Datasheet HTML 22Page - STMicroelectronics L9942 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
L9942
4 Functional Description of the Logic with SPI
19/37
4
Functional Description of the Logic with SPI
4.1
Motor Stepping Clock Input( STEP)
Rising edge of signal STEP is latched. It is synchronised by internal clock. At next start of a new
PWM cycle the new values of output current limit are used to drive motor in next position.
Before start new motor step this signal has to be low for at least two internal clock periods to
reset latch.
4.2
PWM Output (PWM)
This output reflects the current duty cycle of the internal PWM controller of bridge A. High level
indicates on state to increase current through load and low level is in off state so load current
decreases depending on chosen decay mode.
4.3
Serial Peripheral Interface (SPI)
This device uses a standard 16 bit SPI to communicate with a microcontroller. The SPI can be
driven by a microcontroller with its SPI peripheral running in following mode: CPOL = 0 and
CPHA = 0.
For this mode, input data is sampled by the low to high transition of the clock CLK, and output
data is changed from the high to low transition of CLK.
A fault condition can be detected by setting CSN to low. If CSN = 0, the DO-pin will reflect an
internal Error Flag of the device which is a logical-or of all status bits in the Status Register
(reg7) and in the Current Profile Register 4 (reg6). The microcontroller can poll the status of the
device without the need of a full SPI-communication cycle.
4.4
Chip Select Not (CSN)
The input pin is used to select the serial interface of this device. When CSN is high, the output
pin (DO) will be in high impedance state. A low signal will activate the output driver and a serial
communication can be started. The state when CSN is going low until the rising edge of CSN
will be called a communication frame.
4.5
Serial Data In (DI)
The input pin is used to transfer data serial into the device. The data applied to the DI will be
sampled at the rising edge of the CLK signal and latched into an internal 16 bit shift register.
The first 3 bit are interpreted as address of the data register. At the rising edge of the CSN
signal the contents of the shift register will be transferred to the selected data register. The
writing to the register is only enabled if exactly 16 bits are transmitted within one
communication frame (i.e. CSN low). If more or less clock pulses are counted within one frame
the complete frame will be ignored. This safety function is implemented to avoid an activation of
the output stages by a wrong communication frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com