Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9942 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9942
Description  Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9942 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9942 Datasheet HTML 21Page - STMicroelectronics L9942 Datasheet HTML 22Page - STMicroelectronics L9942 Datasheet HTML 23Page - STMicroelectronics L9942 Datasheet HTML 24Page - STMicroelectronics L9942 Datasheet HTML 25Page - STMicroelectronics L9942 Datasheet HTML 26Page - STMicroelectronics L9942 Datasheet HTML 27Page - STMicroelectronics L9942 Datasheet HTML 28Page - STMicroelectronics L9942 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
L9942
5 SPI - Control and Status Registers
25/37
5.8.2
SPI communication monitoring
At the rising edge of the CSN signal the contents of the shift register will be transferred to the
selected data register. A counter monitors proper SPI communication. It counts rising edges at
pin CLK. The writing to the register is only enabled if exactly 16 bits are transmitted within one
communication frame (i.e. CSN low). If more or less clock pulses are counted within one frame
the complete frame will be ignored. This safety function is implemented to avoid an activation of
the output stages by a wrong communication frame. SPI communication can be checked by
loading a command twice and then answer at pin DO must be same.
Note:
Due to this safety functionality a daisy chaining of SPI is not possible. Instead, a parallel
operation of the SPI bus by controlling the CSN signal of the connected ICs is recommended.
5.8.3
PWM monitoring for stall detection
Control registers 4, 5, and 3 contain bits D0-D7, use for setting a stall detection threshold. The
value in this set of bits determine the minimum time for current rise over one quadrant of motor
driving. D7-D0 is compared with the sum of the rise times over one quadrant. When the sum is
less than the value stored in D7-D0 the ST bit (register6 bit 8) is set to a logic “1”.
The PWM pin reflects the PWM control signal of the load current in bridge A. This is so after
power on when the SST bit (register 6, bit11) is reset to a logic “0”. If this bit is set to a logical
“1” then status of the ST bit 8 is mirrored to pin PWM. This provides stall detection without the
need of reading register 6 through the SPI bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com