Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9942 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9942
Description  Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9942 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9942 Datasheet HTML 17Page - STMicroelectronics L9942 Datasheet HTML 18Page - STMicroelectronics L9942 Datasheet HTML 19Page - STMicroelectronics L9942 Datasheet HTML 20Page - STMicroelectronics L9942 Datasheet HTML 21Page - STMicroelectronics L9942 Datasheet HTML 22Page - STMicroelectronics L9942 Datasheet HTML 23Page - STMicroelectronics L9942 Datasheet HTML 24Page - STMicroelectronics L9942 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
L9942
5 SPI - Control and Status Registers
21/37
5
SPI - Control and Status Registers
5.1
Control Register 0
The meaning of the different bits is as follows:
Bit
Phase Counter
Decay Mode
Slew Rate
Step Mode
DIR
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
r w
r w
r w
r w
r w
r w
r w
r w
r w
r w
r w
r w
r w
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
Name
P4
P3
P2
P1
P0
DM2
DM1
DM0
SR1
SR0
ST1
ST0
DIR
DIR
This bit controls direction of motor movement. DIR=1 clockwise DIR=0 counter clockwise.
ST1 ST0
This bits controls step mode of motor movement (
Figure 3).
00
Micro-stepping
01
Mini-stepping
10
Half-stepping
11
Full-stepping
SR1 SR0
This bit controls slew rate of bridge switches. See also parameter
Table 13
DM2 DM1 DM0
This bits controls decay mode of output current (
Figure 3).
000
Slow decay
001
Mixed decay, fast decay until TMD > 4us
010
Mixed decay, fast decay until TMD > 8us
011
Mixed decay, fast decay until
current undershoot Tmc =TFT +TCC
100
Auto decay, fast decay without delay time
Auto decay uses mixed decay automatically
to reduce current for next step if required (
see
Figure 3 down right).
101
Auto decay, fast decay until TMD > 4us
110
Auto decay, fast decay until TMD > 8us
111
Auto decay, fast decay until current
undershoot Tmc
P4 P3 P2 P1 P0
This bits control position of motor, e.g. 00000 step angle
is , 01111 step angle is 180°..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com