Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4959C Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4959C
Description  TLE4959C Transmission Speed Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4959C Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4959C Datasheet HTML 3Page - Infineon Technologies AG TLE4959C Datasheet HTML 4Page - Infineon Technologies AG TLE4959C Datasheet HTML 5Page - Infineon Technologies AG TLE4959C Datasheet HTML 6Page - Infineon Technologies AG TLE4959C Datasheet HTML 7Page - Infineon Technologies AG TLE4959C Datasheet HTML 8Page - Infineon Technologies AG TLE4959C Datasheet HTML 9Page - Infineon Technologies AG TLE4959C Datasheet HTML 10Page - Infineon Technologies AG TLE4959C Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet
7
Ver. 1.0
2018-02
TLE4959C Transmission Speed Sensor
General Characteristics
Note:
In the operating range the functions given in the functional description are fulfilled
Capacitance between IC supply &
ground pins
CVDD
198
220
242
nF
capacitor type X8R,
rated voltage =50 V1)
Output capacitance between IC
output and ground pins
CQ
1.62 1.8
1.98 nF
capacitor type X8R,
rated voltage =50 V1)
Frequency range for direction
detection (hystersis)
fDir
0
–
1800 Hz
for increasing rotational
frequency
0
–
1500 Hz
for decreasing rotational
frequency
Magnetic signal frequency range
f
0–
10
kHz
Dynamic range of the magnetic field
of the differential speed channel
DRmag_field_s -120 -
120
mT
ADC-range
Dynamic range of the magnetic field
of the direction channel
DRmag_field_dir -60
-
60
mT
ADC-range
Static range of the magnetic field of
the outer Hall probes in back-bias
configuration
SRmag_field_s
0
-
550
mT
no wheel in fron of module
/Offset-DAC-Compensation
-range
Static range of the magnetic field of
the center Hall probe
DRmag_field_dir -100 -
450
mT
no wheel in fron of module
/Center-Offset-DAC-
Compensation-range
Allowed static difference between
outer probes
SRmag_field_diff -30
-
30
mT
no wheel in front of module
Normal operating junction
temperature
TJ
-40
–
175
°C
exposure time: max. 2500 h
at TJ = 175°C, VDD =16 V
-
-
185
°C
exposure time: max.
10 × 1 h at TJ = 185°C,
VDD = 16 V, additive to other
lifetime
Not operational lifetime
Tno
-40
150
°C
without sensor function.
Exposure time max 500 h @
150°C; increased time for
lower temperatures
according to Arrhenius-
Model, additive to other
lifetime
Temperature compensation range
of magnetic material
TC
-600
ppm internal compensation of
magnetic signal amplitude
of speed signal
1) Specified at room temperature, test condition at 25°C with 1V at 1kHz, temperature variation to be added
Table 3
General Operating Conditions (cont’d)
Parameter
Symbol
Values
Unit Note or Test Condition
Min. Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com