Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4959C Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4959C
Description  TLE4959C Transmission Speed Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4959C Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4959C Datasheet HTML 1Page - Infineon Technologies AG TLE4959C Datasheet HTML 2Page - Infineon Technologies AG TLE4959C Datasheet HTML 3Page - Infineon Technologies AG TLE4959C Datasheet HTML 4Page - Infineon Technologies AG TLE4959C Datasheet HTML 5Page - Infineon Technologies AG TLE4959C Datasheet HTML 6Page - Infineon Technologies AG TLE4959C Datasheet HTML 7Page - Infineon Technologies AG TLE4959C Datasheet HTML 8Page - Infineon Technologies AG TLE4959C Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Data Sheet
1
Ver. 1.0
www.infineon.com/sensors
2018-02
TLE4959C Transmission Speed Sensor
Features
• Hall based differential speed sensor
• High magnetic sensitivity
• Large operating airgap
• Dynamic self-calibration principle
• Adaptive hysteresis
• Direction of rotation detection
• High vibration suppression capabilities
• Three wire PWM voltage interface
• Magnetic encoder and ferromagnetic wheel application
• High immunity against ESD, EMC and mechanical stress, improved voltage dropout capability
• Automotive operating temperature range
• 3-pin package PG-SSO-3-52
• Green Product (RoHS compliant)
• AEC Qualified
Applications
The TLE4959C is an integrated differential Hall speed sensor ideally suited for transmission applications. Its
basic function is to provide information about rotational speed and direction of rotation to the transmission
control unit. TLE4959C includes a sophisticated algorithm which actively suppresses vibration while keeping
excellent airgap performance.
Table 1
Description
Type
Marking
Ordering Code
Package
TLE4959C
59AIC0
SP001671650
PG-SSO-3-52


Similar Part No. - TLE4959C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4959CFX INFINEON-TLE4959CFX Datasheet
930Kb / 20P
TLE4959C FX Flexible Transmission SpeedSensor
Data Sheet 1.0 2018-02
More results

Similar Description - TLE4959C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LXES2SBAA4-114 MURATA-LXES2SBAA4-114 Datasheet
157Kb / 2P
Low-speed Transmission line
LXES2TBCC4-028 MURATA-LXES2TBCC4-028 Datasheet
155Kb / 2P
High-speed Transmission Line
LXES11DAA2-135 MURATA-LXES11DAA2-135 Datasheet
151Kb / 2P
High-speed Transmission Line
LXES21DAA4-136 MURATA-LXES21DAA4-136 Datasheet
154Kb / 2P
High-speed Transmission Line
LXES21DAA4-138 MURATA-LXES21DAA4-138 Datasheet
154Kb / 2P
High-speed Transmission Line
logo
Allegro MicroSystems
A19420 ALLEGRO-A19420 Datasheet
920Kb / 11P
High-Accuracy Hall-Effect Transmission Speed Sensor IC
A19571 ALLEGRO-A19571 Datasheet
2Mb / 17P
GMR Transmission Speed and Direction Sensor IC
logo
Infineon Technologies A...
TLE4959-5U INFINEON-TLE4959-5U Datasheet
723Kb / 14P
TLE4959-5U Transmission Speed Sensor
Data Sheet Ver. 1.0 2018-07
TLE4959-5U-R INFINEON-TLE4959-5U-R Datasheet
464Kb / 14P
TLE4959-5U-R Transmission Speed Sensor
Data Sheet Ver. 1.0 2019-07
TLE4959CFX INFINEON-TLE4959CFX Datasheet
930Kb / 20P
TLE4959C FX Flexible Transmission SpeedSensor
Data Sheet 1.0 2018-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com