Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4959C Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4959C
Description  TLE4959C Transmission Speed Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4959C Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4959C Datasheet HTML 4Page - Infineon Technologies AG TLE4959C Datasheet HTML 5Page - Infineon Technologies AG TLE4959C Datasheet HTML 6Page - Infineon Technologies AG TLE4959C Datasheet HTML 7Page - Infineon Technologies AG TLE4959C Datasheet HTML 8Page - Infineon Technologies AG TLE4959C Datasheet HTML 9Page - Infineon Technologies AG TLE4959C Datasheet HTML 10Page - Infineon Technologies AG TLE4959C Datasheet HTML 11Page - Infineon Technologies AG TLE4959C Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Data Sheet
8
Ver. 1.0
2018-02
TLE4959C Transmission Speed Sensor
Electrical and Magnetic Characteristics
3
Electrical and Magnetic Characteristics
All values specified at constant amplitude and offset of input signal, over operating range, unless otherwise
specified. Typical values correspond to VS = 5 V and TAmb. = 25°C
Table 4
Electrical and Magnetic Parameters
Parameter
Symbol
Values
Unit
Note or Test Condition
Min.
Typ.
Max.
Output saturation voltage
VQsat
0
-
500
mV
IQ ≤ 15 mA
Clamping voltage VDD-Pin
VDD_clamp
42
–
V
leakage current through ESD
diode < 0.5mA
Clamping voltage VQ-Pin
VQclamp
42
-
V
leakage current through ESD
diode < 0.5mA
Reset voltage
VDD_reset
2.8
3.6
V
Output leakage current
IQleak
00.1
10
µA
VQ =18 V
Output current limit during
short-circuit condition
IQshort
30
-
80
mA
Junction temperature limit for
output protection
Tprot
190
-
205
°C
Power on time
tpower_on
0.8
0.9
1
ms
during this time the output is
locked to high.
Delay time between magnetic
signal switching point and
corresponding output signal
falling edge switching event
tdelay
10
14
19
µs
falling edge
Output fall time
tfall
2.0
2.5
3.0
µs
VPullup = 5 V, RPullup =1.2 kΩ (+/-
10%), CQ = 1.8 nF (+/-15%),
valid between 80% - 20%
3.2
4.5
5.8
µs
VPullup = 5 V, RPullup =1.2 kΩ (+/-
10%), CQ = 1.8 nF (+/-15%),
valid between 90% - 10%
Output rise time
trise1)2)
4
–
11.4
µs
RPullup =1.2 kΩ (+/-10%),
CQ = 1.8 nF (+/-15%),
valid between 10% - 90%
Digital noise constant of speed
channel during start up
DNCmin
1.22
1.5
1.78
mT
Period Jitter, f ≤ 8 kHz3)
Jit8kHz
-1
–
1
%
1 sigma, ΔBpkpk = 3mT
Period Jitter, 8kHz ≤ f ≤ 10kHz3) Jit10kHz
-1.1
1.1
%
1 sigma, ΔBpkpk = 3mT
Number of wrong pulses at
start-up
nStart
––
0
n
in forward rotational direction
0
–
1
n
in backward rotational
direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com