Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4959C Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4959C
Description  TLE4959C Transmission Speed Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4959C Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4959C Datasheet HTML 5Page - Infineon Technologies AG TLE4959C Datasheet HTML 6Page - Infineon Technologies AG TLE4959C Datasheet HTML 7Page - Infineon Technologies AG TLE4959C Datasheet HTML 8Page - Infineon Technologies AG TLE4959C Datasheet HTML 9Page - Infineon Technologies AG TLE4959C Datasheet HTML 10Page - Infineon Technologies AG TLE4959C Datasheet HTML 11Page - Infineon Technologies AG TLE4959C Datasheet HTML 12Page - Infineon Technologies AG TLE4959C Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet
9
Ver. 1.0
2018-02
TLE4959C Transmission Speed Sensor
Electrical and Magnetic Characteristics
Note:
The listed Electrical and magnetic characteristics are ensured over the operating range of the
integrated circuit. Typical characteristics specify mean values expected over the production spread.
If not other specified, typical characteristics apply at TAmb = 25°C and VS =5V.
Global run out4)
Runoutglob
al,speed
0
–
40
%
of magnetic speed signal
amplitude
0
–
60
%
of magnetic speed signal
amplitude with reduced
performance on stand-still
functionality
Runoutglob
al,dir
0
–
40
%
of magnetic direction signal
amplitude
0
–
60
%
of magnetic direction signal
amplitude with reduced
performance on stand-still
functionality
Tooth to tooth run out (peak to
peak variation on two
consecutive teeth / pole-pair)4)
Runouttooth
,speed
0
–
40
%
of magnetic speed signal
amplitude
Runouttooth
,dir
0
–
40
%
of magnetic direction signal
amplitude
Output protocol in forward
direction
tfwd
38
45
52
µs
VPullup = 5 V, RPullup =1.2 kΩ (+/-
10%), CQ = 1.8 nF (+/-15%),
valid between 50% of falling
edge to 50% of next rising
edge
Output protocol in backward
direction
tbwd
76
90
104
µs
Power on pulse
tpower-on
153
180
207
µs
1) Value of capacitor: 1.8 nF±10%; ceramic: X8R; maximum voltage: 50 V
2) Application parameter, IC shall not increase the rise time, Values are calculated and not tested
3) Parameter not subject to productive test. Verified by lab characterization based on jitter-measurement > 1000
periods
4) Defined as 1-(amplitude_min/amplitude_max)
Table 4
Electrical and Magnetic Parameters (cont’d)
Parameter
Symbol
Values
Unit
Note or Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com