Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4959C Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4959C
Description  TLE4959C Transmission Speed Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4959C Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4959C Datasheet HTML 1Page - Infineon Technologies AG TLE4959C Datasheet HTML 2Page - Infineon Technologies AG TLE4959C Datasheet HTML 3Page - Infineon Technologies AG TLE4959C Datasheet HTML 4Page - Infineon Technologies AG TLE4959C Datasheet HTML 5Page - Infineon Technologies AG TLE4959C Datasheet HTML 6Page - Infineon Technologies AG TLE4959C Datasheet HTML 7Page - Infineon Technologies AG TLE4959C Datasheet HTML 8Page - Infineon Technologies AG TLE4959C Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Data Sheet
2
Ver. 1.0
2018-02
TLE4959C Transmission Speed Sensor
Description
The TLE4959C comes in a RoHs compliant three-pin package, qualified for automotive usage. It has two
integrated capacitors on the lead frame (220 nF/1.8 nF). These capacitors increase the EMC robustness of the
device. In 12 V applications it is further recommended to use a serial resistor RSupply of 100 Ω (tbd) for
protection on the supply line. A pull-up resistor RLoad is mandatory on the output pin and determines the
maximum current flowing through the output transistor. A value of 1.2 kΩ is recommended for the 5V
application. (see Figure 1)
Figure 1
Typical Application Circuit
RSupply
VDD
V
DD
GND
Q
C
VDD = 220 nF
C
Q = 1.8 nF
...integrated in package
RLoad
1.2 kΩ
Vpullup
IQ
CVDD
Option for 12 V
CQ
PG-SSO- 3-52
VQ
IDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com