Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986H Datasheet(PDF) 48 Page - STMicroelectronics

Part # A6986H
Description  Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986H Datasheet(HTML) 48 Page - STMicroelectronics

Back Button A6986H Datasheet HTML 44Page - STMicroelectronics A6986H Datasheet HTML 45Page - STMicroelectronics A6986H Datasheet HTML 46Page - STMicroelectronics A6986H Datasheet HTML 47Page - STMicroelectronics A6986H Datasheet HTML 48Page - STMicroelectronics A6986H Datasheet HTML 49Page - STMicroelectronics A6986H Datasheet HTML 50Page - STMicroelectronics A6986H Datasheet HTML 51Page - STMicroelectronics A6986H Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 71 page
background image
The A6986H normally operates in the MASTER mode, driving the SYNCH line at the selected oscillator frequency
as shown in Figure 49. A6986H synchronization driving capability and Figure 46. Two regulators not
synchronized.
In the SLAVE mode the A6986H sets the internal oscillator at 250 kHz typ. (see Table 6. fSW selection TJ = - 40 to
135 °C, VIN= 12 V unless otherwise specified.) and drives the line accordingly.
Figure 49. A6986H synchronization driving capability
In order to safely guarantee that each regulator recognizes itself in SLAVE mode when synchronized, the external
master must drive the SYNCH pin with a clock signal frequency higher than the maximum oscillator spread of the
selected line in Table 6. fSW selection TJ = - 40 to 135 °C, VIN= 12 V unless otherwise specified.for at least 10
internal clock cycles.
Once recognized as SLAVE the synchronization range is:
•
275 - 1.4 MHz if fSW < 500 kHz
•
475 kHz - 2.2 MHz if fSW >=500 kHz
example 1: selecting RFSW = 0 Ω to VCC
Table 13. Example of oscillator frequency selection
Symbol
RVCC (E24 series) RGND (E24 series)
fSW min.
fSW typ.
fSW max.
fSW
NC
0 Ω
225
250
275
the device enters in slave mode after 10 pulses at frequency higher than 275 kHz and so it is able to synchronize
to a clock signal in the range 275 kHz - 1.4 MHz (see Figure 48. Synchronization pulse definition).
Example 2: selecting RFSW = 0 Ω to GND
Table 14. Example of oscillator frequency selection (2)
Symbol
RVCC (E24 series) RGND (E24 series)
fSW min.
fSW typ.
fSW max.
fSW
NC
0 Ω
450
500
550
A6986H
Synchronization (LNM)
DS12861 - Rev 3
page 48/71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com