Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986H Datasheet(PDF) 21 Page - STMicroelectronics

Part # A6986H
Description  Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986H Datasheet(HTML) 21 Page - STMicroelectronics

Back Button A6986H Datasheet HTML 17Page - STMicroelectronics A6986H Datasheet HTML 18Page - STMicroelectronics A6986H Datasheet HTML 19Page - STMicroelectronics A6986H Datasheet HTML 20Page - STMicroelectronics A6986H Datasheet HTML 21Page - STMicroelectronics A6986H Datasheet HTML 22Page - STMicroelectronics A6986H Datasheet HTML 23Page - STMicroelectronics A6986H Datasheet HTML 24Page - STMicroelectronics A6986H Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
Figure 13. VOUT = 3.3 V line regulation
-0.10%
-0.05%
0.00%
0.05%
0.10%
4
6
8
10 12 14 16 18 20 22 24 26 28 30 32 34 36 38
VIN [V]
5.6
Output voltage load regulation
Figure 14. VOUT = 3.3 V load regulation shows negligible output voltage variation (normalized to the value
measured at IOUT = 0 A) over the entire output current range for the A6986H with VOUT = 3.3 V, measured on the
A6986H evaluation board (see Section 8 Application board).
Figure 14. VOUT = 3.3 V load regulation
-0.10%
-0.05%
0.00%
0.05%
0.10%
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
IOUT[A]
A6986H
Output voltage load regulation
DS12861 - Rev 3
page 21/71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com