Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986H Datasheet(PDF) 22 Page - STMicroelectronics

Part # A6986H
Description  Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986H Datasheet(HTML) 22 Page - STMicroelectronics

Back Button A6986H Datasheet HTML 18Page - STMicroelectronics A6986H Datasheet HTML 19Page - STMicroelectronics A6986H Datasheet HTML 20Page - STMicroelectronics A6986H Datasheet HTML 21Page - STMicroelectronics A6986H Datasheet HTML 22Page - STMicroelectronics A6986H Datasheet HTML 23Page - STMicroelectronics A6986H Datasheet HTML 24Page - STMicroelectronics A6986H Datasheet HTML 25Page - STMicroelectronics A6986H Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 71 page
background image
5.7
High-side switch resistance vs. input voltage
Figure 15. Normalized RDS(on),HS variation shows the high-side switch RDS(on) variation over the entire input
voltage operating range normalized at the value measured at VIN = 12 V (see Table 5. Electrical characteristics TJ
= - 40 to 135 °C, VIN = 12 V unless otherwise specified.).
Figure 15. Normalized RDS(on),HS variation
-2%
-1%
0%
1%
2%
3%
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30 32 34 36 38
VIN [V]
RDS(on),HS @ I
OUT =1A (normalized @ VIN =12V)
5.8
Light-load operation
The MLF pinstrapping during the power-up phase determines the light-load operation (refer to Table 7. LNM/ LCM
selection (A6986H3V3) TJ = - 40 to 135 °C, VIN = 12 V unless otherwise specified. and Table 8. LNM/ LCM
selection (A6986H5V) TJ = -40 to 135 °C, VIN = 12 V unless otherwise specified.).
5.8.1
Low noise mode (LNM)
The low noise mode implements a forced PWM operation over the different loading conditions. The LNM features
a constant switching frequency to minimize the noise in the final application and a constant voltage ripple at fixed
VIN. The regulator in steady loading condition never skips pulses and it operates in continuous conduction mode
(CCM) over the different loading conditions, thus making this operation mode ideal for noise sensitive
applications.
A6986H
High-side switch resistance vs. input voltage
DS12861 - Rev 3
page 22/71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com