Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986H Datasheet(PDF) 40 Page - STMicroelectronics

Part # A6986H
Description  Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986H Datasheet(HTML) 40 Page - STMicroelectronics

Back Button A6986H Datasheet HTML 36Page - STMicroelectronics A6986H Datasheet HTML 37Page - STMicroelectronics A6986H Datasheet HTML 38Page - STMicroelectronics A6986H Datasheet HTML 39Page - STMicroelectronics A6986H Datasheet HTML 40Page - STMicroelectronics A6986H Datasheet HTML 41Page - STMicroelectronics A6986H Datasheet HTML 42Page - STMicroelectronics A6986H Datasheet HTML 43Page - STMicroelectronics A6986H Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 71 page
background image
6.4
Total loop gain
In summary, the open loop gain can be expressed as:
G(s)=GDIV(s)⋅GCO(s)⋅A0(s)
(32)
example 1:
VIN = 12 V, VOUT = 3.3 V, ROUT = 1.67 Ω
Selecting the A6986H with VOUT=3.3 V, fSW = 500 kHz, L = 10 µH, COUT = 20 µF and ESR = 3 mΩ, RC = 75 kΩ,
CC = 330 pF, CP = 2.2 pF (please refer to Table 19. A6986H 3V3 demonstration board BOM), the gain and phase
bode diagrams are plotted respectively in Figure 38. Module plot and Figure 39. Phase plot.
Figure 38. Module plot
BW = 55 kHZ
phase margin = 60 °
Figure 39. Phase plot
The blue solid trace represents the transfer function including the sampling effect term (see Eq. (22)), the dotted
blue trace neglects the contribution.
A6986H
Total loop gain
DS12861 - Rev 3
page 40/71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com