Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986H Datasheet(PDF) 13 Page - STMicroelectronics

Part # A6986H
Description  Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986H Datasheet(HTML) 13 Page - STMicroelectronics

Back Button A6986H Datasheet HTML 9Page - STMicroelectronics A6986H Datasheet HTML 10Page - STMicroelectronics A6986H Datasheet HTML 11Page - STMicroelectronics A6986H Datasheet HTML 12Page - STMicroelectronics A6986H Datasheet HTML 13Page - STMicroelectronics A6986H Datasheet HTML 14Page - STMicroelectronics A6986H Datasheet HTML 15Page - STMicroelectronics A6986H Datasheet HTML 16Page - STMicroelectronics A6986H Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
5
Functional description
The A6986H device is based on a “peak current mode”, constant frequency control. As a consequence, the
intersection between the error amplifier output and the sensed inductor current generates the PWM control signal
to drive the power switch.
The device features LNM (low noise mode) that is forced PWM control, or LCM (low consumption mode) to
increase the efficiency at light-load.
The main internal blocks shown in the block diagram in Figure 3. Internal block diagram are:
•
Embedded power elements. Thanks to the P-channel MOSFET as high-side switch the device features low-
dropout operation
•
A fully integrated sawtooth oscillator with adjustable frequency
•
A transconductance error amplifier
•
An internal feedback divider GDIV INT
•
The high-side current sense amplifier to sense the inductor current
•
A “Pulse Width Modulator” (PWM) comparator and the driving circuitry of the embedded power elements
•
The soft-start blocks to ramp the error amplifier reference voltage and so decreases the inrush current at
power-up. The SS/INH pin inhibits the device when driven low
•
The switchover capability of the internal regulator to supply a portion of the quiescent current when the VBIAS
pin is connected to an external output voltage
•
The synchronization circuitry to manage master / slave operation and the synchronization to an external
clock
•
The current limitation circuit to implement the constant current protection, sensing pulse by pulse high-side /
low-side switch current. In case of heavy short-circuit the current protection is fold back to decrease the
stress of the external components
•
A circuit to implement the thermal protection function
•
The OVP circuitry to discharge the output capacitor in case of overvoltage event
•
MLF pin strapping sets the LNM/LCM mode and the thresholds of the RST comparator
•
FSW pinstrapping sets the switching frequency
•
The RST open collector output
Figure 3. Internal block diagram
RST
DRIVER
GND
GND
PEAK
CL
VALLEY
CL
ZERO
CROSSING
LOOP
CONTROL
OSCILLATOR
L.N. / L.C.
RST TH.
LX
VOUT
E/A
POWER
PMOS
POWER
NMOS
SENSE
PMOS
SENSE
NMOS
Vcc
SLOPE
VIN
SYNC
COMP
GND
DRIVER
GND
GND
VALLEY
CL
LOOP
CONTROL
E/A
POWER
PMOS
MOS
OVP
+
-
MLF
DELAY
DELAY
SS/INH
SS/INH
VREF
0
TSS
+
-
FSW
GDIV INT
A6986H
Functional description
DS12861 - Rev 3
page 13/71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com