Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-355AT Datasheet(PDF) 49 Page - STMicroelectronics

Part # BLUENRG-355AT
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-355AT Datasheet(HTML) 49 Page - STMicroelectronics

Back Button BLUENRG-355AT Datasheet HTML 45Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 46Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 47Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 48Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 49Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 50Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 51Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 52Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
RPU
Pull-up resistor
VIN = GND
25
40
55
kΩ
RPD
Pull-down resistor
VIN = VDD
25
40
55
CIO
I/O pin capacitance
5
pF
1. Max(VDDx) is the maximum value among all the I/O supplies.
All I/Os are CMOS-compliant (no software configuration required).
GPIOs (general purpose input/outputs) can sink or source up to ±8 mA and sink or source up to ± 20 mA (with a
relaxed VOL / VOH).
In the user application, the number of I/O pins that can drive current must be limited to respect the absolute
maximum rating specified.
•
The sum of currents sourced by all I/Os on VDD, plus the maximum consumption of MCU sourced on VDD,
cannot exceed the absolute maximum rating ΣIVDD
•
The sum of currents sunk by all I/Os on VSS, plus the maximum consumption of the MCU sunk on GND,
cannot exceed the absolute maximum rating ΣIVGND
The characteristics below are guaranteed by characterization.
Table 35. Output voltage characteristics
Symbol
Parameter
Conditions
Min.
Max.
Unit
VOL
Output low level voltage for I/O pin
CMOS port(1) |IIO| = 8 mA VDD ≥ 2.7 V
0.4
V
VOH
Output high level voltage for I/O pin
VDD -0.4
VOL
Output low level voltage for I/O pin
|IIO| = 20 mA VDD ≥ 2.7 V
1.3
VOH
Output high level voltage for I/O pin
VDD -1.3
VOL
Output low level voltage for I/O pin
|IIO| = 4 mA VDD ≥ 1.62 V
0.4
VOH
Output high level voltage for I/O pin
VDD-0.45
1. CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
5.3.17
RSTN pin characteristics
The RSTN pin input driver uses CMOS technology. It is connected to a permanent pull-up resistor, RPU.
Unless otherwise specified, the parameters given in the table below are derived from tests performed under the
ambient temperature and supply voltage conditions summarized in Section 5.3.2 General operating conditions.
The characteristics below are guaranteed by design.
Table 36. RSTN pin characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit.
VIL(RSTN)
RSTN input low level voltage
0.3 x VDD
V
VIH(RSTN)
RSTN input high level voltage
0.7 x VDD
Vhys(RSTN)
RSTN Schmitt trigger voltage hysteresis
200
mV
RPU
Weak pull-up equivalent resistor
VIN=GND
25
40
55
kΩ
BlueNRG-LP
Operating conditions
DS13282 - Rev 2
page 49/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com