Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-355AT Datasheet(PDF) 1 Page - STMicroelectronics

Part # BLUENRG-355AT
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-355AT Datasheet(HTML) 1 Page - STMicroelectronics

  BLUENRG-355AT Datasheet HTML 1Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 2Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 3Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 4Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 5Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 6Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 7Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 8Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
Features
•
Bluetooth Low Energy system-on-chip supporting Bluetooth 5.2 specifications
–
2 Mbps data rate
–
Long range (Coded PHY)
–
Advertising extensions
–
Channel selection algorithm #2
–
GATT caching
•
Radio
–
RX sensitivity level: -97 dBm @ 1 Mbps, -104 dBm @ 125 kbps (long
range)
–
Programmable output power up to +8 dBm (at antenna connector)
–
Data rate supported: 2 Mbps, 1 Mbps, 500 kbps and 125 kbps
–
128 physical connections
–
Integrated balun
–
Support for external PA
–
BlueNRG core coprocessor (DMA based) for Bluetooth Low Energy timing
critical operation
–
2.4 GHz proprietary radio driver
–
Suitable for systems requiring compliance with the following radio
frequency regulations: ETSI EN 300 328, EN 300 440, FCC CFR47 part 15,
ARIB STD-T66
•
Ultra-low power radio performance
–
10 nA in SHUTDOWN mode (1.8 V)
–
0.6 uA in DEEPSTOP mode (with external LSE and BLE wake-up sources,
1.8 V)
–
0.9 uA in DEEPSTOP mode (with internal LSI and BLE wake-up sources,
1.8 V)
–
4.3 mA peak current in TX (@ 0 dBm, 3.3 V)
–
3.4 mA peak current in RX (@ sensitivity level, 3.3V)
•
High performance and ultra-low power Cortex-M0+ 32-bit, running up to 64 MHz
•
Dynamic current consumption: 18 µA/MHz
•
Operating supply voltage: from 1.7 to 3.6 V
•
-40 ºC to 105 ºC temperature range
•
Supply and reset management
–
High efficiency embedded SMPS step-down converter with intelligent
bypass mode
–
Ultra-low power power-on-reset (POR) and power-down-reset (PDR)
–
Programmable voltage detector (PVD)
•
Clock sources
–
Fail safe 32 MHz crystal oscillator with integrated trimming capacitors
–
32 kHz crystal oscillator
–
Internal low-power 32 kHz RO
•
On-chip non-volatile Flash memory of 256 kB
•
On-chip RAM of 64 kB or 32 kB
Product status link
BlueNRG-LP
Product summary
Order code
BlueNRG-3x5yz
Programmable Bluetooth® Low Energy wireless SoC
BlueNRG-LP
Datasheet
DS13282 - Rev 2 - September 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - BLUENRG-355AT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BLUENRG-332AC STMICROELECTRONICS-BLUENRG-332AC Datasheet
2Mb / 67P
Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
BLUENRG-332AT STMICROELECTRONICS-BLUENRG-332AT Datasheet
2Mb / 67P
Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
BLUENRG-332VC STMICROELECTRONICS-BLUENRG-332VC Datasheet
2Mb / 67P
Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
BLUENRG-332VT STMICROELECTRONICS-BLUENRG-332VT Datasheet
2Mb / 67P
Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
BLUENRG-332XY STMICROELECTRONICS-BLUENRG-332XY Datasheet
2Mb / 67P
Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
More results

Similar Description - BLUENRG-355AT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MK71050-03 ETC2-MK71050-03 Datasheet
616Kb / 23P
Bluetooth Low Energy wireless module
logo
Cypress Semiconductor
BCM20732 CYPRESS-BCM20732 Datasheet
4Mb / 3P
Single-Chip Bluetooth Low Energy-Only SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
Silicon Laboratories
EFR32BG14 SILABS-EFR32BG14 Datasheet
2Mb / 159P
EFR32BG14 Blue Gecko Bluetooth® Low Energy SoC Family
Rev. 1.2
logo
STMicroelectronics
BLUENRG-LPS STMICROELECTRONICS-BLUENRG-LPS Datasheet
2Mb / 67P
Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
logo
Renesas Technology Corp
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
RYZ012 RENESAS-RYZ012 Datasheet
649Kb / 21P
Wireless Communication Module for Bluetooth® 5 Low Energy
May.05.22
logo
Texas Instruments
CC2340R5 TI-CC2340R5 Datasheet
2Mb / 64P
CC2340R5 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
REVISED MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com