Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-355AT Datasheet(PDF) 9 Page - STMicroelectronics

Part # BLUENRG-355AT
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-355AT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button BLUENRG-355AT Datasheet HTML 5Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 6Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 7Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 8Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 9Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 10Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 11Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 12Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
Figure 3. BlueNRG-LP RF block diagram
Timer and Power
control
AGC
AGC
control
RF control
BLE
controller
BLE
modulator
BLE
demodulator
ADC
ADC
BP
filter
G
G
LNA
RF1
PA
PA ramp
generator
PLL
LDO
LDO
LDO
Max PA
level
Trimmed
bias
SMPS
HSE
Adjust
Adjust
VLXSD
VFBSD
VDDSD VSSSD
VDDRF
TX_SEQUENCE
Interrupt
Wakeup
AHB
APB
See
notes
Notes: QFN42 and QFN48: VSS through exposed pad,
and VSSRF pins must be connected to ground plane CSP49: VSSRF pins must be connected to ground plane.
RX_SEQUENCE
1.6
Power supply management
1.6.1
SMPS step-down regulator
The device integrates a step-down converter to improve low power performance when the VDD voltage is high
enough. The SMPS output voltage can be programmed from 1.2 V to 1.90 V. It is internally clocked at 4 MHz or 8
MHz.
The device can be operated without the SMPS by just wiring its output to VDD. This is the case for applications
where the voltage is low, or where the power consumption is not critical.
Except for the configuration SMPS OFF, an L/C BOM must be present on the board and connected to the VFBSD
pad.
BlueNRG-LP
Power supply management
DS13282 - Rev 2
page 9/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com