Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-355AT Datasheet(PDF) 3 Page - STMicroelectronics

Part # BLUENRG-355AT
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-355AT Datasheet(HTML) 3 Page - STMicroelectronics

  BLUENRG-355AT Datasheet HTML 1Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 2Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 3Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 4Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 5Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 6Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 7Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 8Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
•
Mobile phone peripherals
•
PC peripherals
Description
The BlueNRG-LP is an ultra-low power programmable Bluetooth® Low Energy
wireless SoC solution. It embeds STMicroelectronics’s state-of-art 2.4 GHz RF radio
IPs combining unparalleled performance with extremely long-battery lifetime. It is
compliant with Bluetooth® Low Energy SIG core specification version 5.2 addressing
point-to-point connectivity and Bluetooth Mesh networking and allows large-scale
device networks to be established in a reliable way. The BlueNRG-LP is also suitable
for 2.4 GHz proprietary radio wireless communication to address ultra-low latency
applications.
The BlueNRG-LP embeds a Cortex®-M0+ microcontroller that can operate up to 64
MHz and also the BlueNRG core coprocessor (DMA based) for Bluetooth Low
Energy timing critical operations.
The main Bluetooth® Low Energy 5.2 specification supported features are:
2 Mbps data rate, long range (Coded PHY), advertising extensions, channel selection
algorithm #2, GATT caching, hardware support for simultaneous connection, master/
slave and multiple roles simultaneously, extended packet length support.
In addition, the BlueNRG-LP provides enhanced security hardware support by
dedicated hardware functions:
True random number generator (RNG), encryption AES maximum 128-bit security
co-processor, public key accelerator (PKA), CRC calculation unit, 48-bit unique ID,
Flash memory read and write protection.
The BlueNRG-LP can be configured to support standalone or network processor
applications. In the first configuration, the BlueNRG-LP operates as single device in
the application for managing both the application code and the Bluetooth Low Energy
stack.
The BlueNRG-LP embeds high-speed and flexible memory types:
Flash memory of 256 kB, RAM memory of 64 kB, one-time-programmable (OTP)
memory area of 1 kB, ROM memory of 7 kB.
Direct data transfer between memory and peripherals and from memory-to-memory
is supported by eight DMA channels with a full flexible channel mapping by the
DMAMUX peripheral.
The BlueNRG-LP embeds a 12-bit ADC, allowing measurements of up to eight
external sources and up to three internal sources, including battery monitoring and a
temperature sensor.
The BlueNRG-LP has a low-power RTC and one advanced 16-bit timer.
The BlueNRG-LP features standard and advanced communication interfaces:
1x SPI, 2x SPI/I2S, 1x LPUART, 1x USART supporting ISO 7816 (smartcard mode),
IrDA and Modbus mode, 2x I2C supporting SMBus/PMBus, 1x channel PDM.
The BlueNRG-LP operates in the -40 to +105 °C temperature range from a 1.7 V to
3.6 V power supply. A comprehensive set of power-saving modes enables the design
of low-power applications.
The BlueNRG-LP integrates a high efficiency SMPS step-down converter and an
integrated PDR circuitry with a fixed threshold that generates a device reset when the
VDD drops under 1.65 V.
The BlueNRG-LP comes in different package versions supporting up to:
32 I/Os for the QFN48 package, 20 I/Os for the QFN32 package, 30 I/Os for the
WCSP49 package.
BlueNRG-LP
DS13282 - Rev 2
page 3/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com