Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-355AT Datasheet(PDF) 39 Page - STMicroelectronics

Part # BLUENRG-355AT
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-355AT Datasheet(HTML) 39 Page - STMicroelectronics

Back Button BLUENRG-355AT Datasheet HTML 35Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 36Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 37Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 38Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 39Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 40Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 41Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 42Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
Parameter
Test conditions
Typ.
Unit
RNG
µA
64
RTC
14
SPI1
35
SPI2
Peripheral clock at 16 MHz
40
SPI3
Peripheral clock at 16 MHz
42
Systick
8
TIM1
248
USART
81
SYSCFG
33
THSENS
301
CRC
9
5.3.2
General operating conditions
Table 14. General operating conditions
Symbol
Parameter
Conditions
Min.
Max.
Unit
fHCLK
Internal AHB clock frequency
1
64
MHz
fPCLK0
Internal APB0 clock
1
64
fPCLK1
Internal APB1 clock frequency
1
64
fPCLK2
Internal APB2 clock frequency
16
32
VDD
Standard operating voltage
1.7
3.6
V
VFBSMPS
SMPS feedback voltage
1.4
3.6
VDDRF
Minimum RF voltage
1.7
3.6
VIN
I/O input voltage
-0.3
VDD+0.3
PD
Power dissipation at TA=105 °C(1)
QFN48 package
30
mW
QFN32 package
TA
Ambient temperature
Maximum power dissipation
-40
105
°C
TJ
Junction temperature range
-40
105
1. TA cannot exceed the TJ max.
5.3.3
RF general characteristics
All performance data are referred to a 50 Ω antenna connector, via reference design.
Table 15. Bluetooth Low Energy RF general characteristics
Symbol
Parameter
Test conditions
Min. Typ.
Max.
Unit
FRANGE
Frequency range(1)
2400
2483.5
MHz
RFCH
RF channel center frequency(1)
2402
2480
PLLRES
RF channel spacing(1)
2
MHz
BlueNRG-LP
Operating conditions
DS13282 - Rev 2
page 39/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com