Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-355VT Datasheet(PDF) 47 Page - STMicroelectronics

Part # BLUENRG-355VT
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-355VT Datasheet(HTML) 47 Page - STMicroelectronics

Back Button BLUENRG-355VT Datasheet HTML 43Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 44Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 45Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 46Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 47Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 48Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 49Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 50Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
5.3.10
Low speed crystal requirements
Low speed clock can be supplied with an external 32.768 kHz crystal oscillator. Requirements for the external
32.768 kHz crystal are reported in the table below.
Table 27. LSE crystal requirements
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fNOM
Nominal frequency
32.768
kHz
ESR
Equivalent series resistance
90
kΩ
PD
Drive level
0.1
µW
5.3.11
High speed ring oscillator characteristics
Table 28. HSI oscillator characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fNOM
Nominal frequency
64
MHz
5.3.12
Low speed ring oscillator characteristics
Table 29. LSI oscillator characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fNOM
Nominal frequency
33
kHz
ΔFRO_ΔT/FRO
Frequency spread vs. temperature
Standard deviation
140
ppm/ºC
5.3.13
PLL characteristics
Characteristics measured over recommended operating conditions unless otherwise specified.
Table 30. PLL characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
PNSYNTH
RF carrier phase noise
At ±1 MHz offset from carrier
(measured at 2.4 GHz)
-110
dBc/Hz
At 2.4 GHz ±3 MHz offset from carrier
(measured at 2.4 GHz)
-114
dBc/Hz
At 2.4 GHz±6 MHz offset from carrier
(measured at 2.4 GHz)
-128
dBc/Hz
At ±25 MHz offset from carrier
-135
dBc/Hz
LOCKTIMETX
PLL lock time to TX
With calibration @2.5 ppm
150
µs
LOCKTIMERX
PLL lock time to RX
With calibration @2.5 ppm
110
µs
LOCKTIMERXTX
PLL lock time RX to TX
Without calibration @2.5 ppm
47
µs
LOCKTIMETXRX
PLL lock time TX to RX
Without calibration @2.5 ppm
32
µs
BlueNRG-LP
Operating conditions
DS13282 - Rev 2
page 47/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com