Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-355VT Datasheet(PDF) 31 Page - STMicroelectronics

Part # BLUENRG-355VT
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-355VT Datasheet(HTML) 31 Page - STMicroelectronics

Back Button BLUENRG-355VT Datasheet HTML 27Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 28Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 29Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 30Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 31Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 32Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 33Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 34Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
4
Application circuits
The schematics below are purely indicative.
Figure 11. Application circuit: DC-DC converter, QFN48 package
C6
C7
C14
L3
L1
U1
BlueNRG-LP
PA0
13
PA1
14
PA2
15
PA3
16
PA4
17
PA5
18
PA6
19
PA7
20
VDD2
21
RF1
22
VDDRF
23
OSCOUT
24
PB4
48
PB5
47
PB6
46
PB7
45
PB8
44
PB9
43
PB10
42
PB11
41
VDDA
40
VDD1
39
RSTN
38
VDD3
37
GND
49
C5
C8
C11
C10
C16
C3
C9
L2
C1
C15
C2
Q2
XTAL_HS
C12
Q1
XTAL_LS
C4
C13
PB11
PB10
PB9
PB8
PB7
PB6
PB5
PB4
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
RSTN
1.7 V to 3.6 V Power Supply
BlueNRG-LP
Application circuits
DS13282 - Rev 2
page 31/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com