Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-355VT Datasheet(PDF) 18 Page - STMicroelectronics

Part # BLUENRG-355VT
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-355VT Datasheet(HTML) 18 Page - STMicroelectronics

Back Button BLUENRG-355VT Datasheet HTML 14Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 15Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 16Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 17Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 18Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 19Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 20Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 21Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
•
ADC down-sampler for multi-purpose applications to improve analog performance while off-loading the CPU
(ratio adjustable from 1 to 128)
•
A watchdog feature to inform when data is outside thresholds (available for all modes except the digital
audio mode)
•
DMA capability
•
Interrupt sources with flags
1.15.1
Digital microphone MEMS interface
The digital microphone MEMS interface aims to interconnect with an external digital MEMS microphone. The
BlueNRG-LP can configure two GPIOs as PDM interface. The PDM_CLK provides the clock output signal,
programmable in frequency, to the microphone, while the PDM_DATA receives the PDM output data from the
microphone. The decimation filter and the digital control resources are used to handle the PDM data stream.
1.15.2
Analog microphone interface
The analog microphone interface is dedicated to the analog microphone signal. The input audio signal is amplified
with a programmable gain amplifier (PGA) from 0 dB to 30 dB, then the data stream is sampled by ADC and
processed through the decimation filter.
1.15.3
Temperature sensor
The temperature sensor (TS) generates a voltage that varies linearly with temperature. The temperature sensor is
internally connected to the ADC input channel, which is used to convert the sensor output voltage into a digital
value.
To improve the accuracy of the temperature sensor measurement, each device is individually factory-calibrated by
ST. The temperature sensor factory calibration data are stored by ST in the system memory area, accessible in
read-only mode.
1.16
True random number generator (RNG)
RNG is a random number generator based on a continuous analog noise that provides a 16-bit value to the host
when read. The minimum period is 1.25 us, corresponding to 20 RNG clock cycles between two consecutive
random number.
1.17
Timers and watchdog
The BlueNRG-LP includes one advanced 16-bit timer, one watchdog timer and a SysTick timer.
1.17.1
Advanced control timer (TIM1)
The advanced-control timer can be considered as a three-phase PWM multiplexed on six channels. The six
channels have complementary PWM outputs with programmable inserted dead-times.
They can also be used as general-purpose timers for:
•
Input capture (except channels 5 and 6)
•
Output compare
•
PWM generation (edge and center-aligned mode)
•
One-pulse mode output
1.17.2
Independent watchdog (IWDG)
The independent watchdog is based on a 12-bit downcounter and 8-bit prescaler. It is clocked from the LS clock
and it can operate in DEEPSTOP mode. It can also be used as a watchdog to reset the device when a problem
occurs.
1.17.3
SysTick timer
This timer is dedicated to real-time operating systems, but could also be used as a standard down counter. It
features:
•
A 24-bit down counter
•
Autoreload capability
•
Maskable system interrupt generation when the counter reaches 0
BlueNRG-LP
True random number generator (RNG)
DS13282 - Rev 2
page 18/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com