Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-355VT Datasheet(PDF) 32 Page - STMicroelectronics

Part # BLUENRG-355VT
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-355VT Datasheet(HTML) 32 Page - STMicroelectronics

Back Button BLUENRG-355VT Datasheet HTML 28Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 29Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 30Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 31Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 32Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 33Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 34Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 35Page - STMicroelectronics BLUENRG-355VT Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
Figure 12. Application circuit: DC-DC converter, WCSP49 package
C16
C8
C10
C9
C14
C11
C15
U1
BlueNRG-LP
PA0
F6
PA1
G6
PA2
E5
PA3
E4
PA7
G5
PA8
E7
PA9
D7
PA10
E6
PA11
D3
PA12
D6
PA13
D5
PA14
C7
PA15
C6
PB0
C5
PB1
C4
PB2
B7
PB3
B6
PB4
B5
PB5
B4
PB6
B3
PB7
B2
PB8
D4
PB9
C3
PB12
C2
PB13
D2
PB14
E2
PB15
F2
VLXSD A2
VFBSD C1
OSCIN
F1
OSCOUT
E1
RF1
G4
PA4
E3
PA5
F5
C12
L2
C6
C3
L1
C2
C13
Q1
XTAL_LS
C5
Q2
XTAL_HS
L3
C1
PB1
PB0
PA15
PA14
PA13
PA12
PA11
PA10
PA9
PA8
PA7
PA5
PA4
PA3
PA2
PA1
PA0
PB6
PB5
PB4
PB3
PB2
PB7
PB15
PB14
PB9
PB8
RSTN
1.7 V to 3.6 V Power Supply
Figure 13. Application circuit: DC-DC converter, QFN32 package
C11
C7
C8
Q1
XTAL_LS
C5
C16
C1
C15
C10
C19
C12
C20
L4
U1
BlueNRG-LP
PA0
9
PA1
10
PA2
11
PA3
12
VDD2
13
RF1
14
VDDRF
15
OSCOUT
16
VDD1
32
PB4
31
PB5
30
PB6
29
PB7
28
VCAP
27
RSTN
26
VDDSD
25
GND
33
C23
Q2
XTAL_HS
C14
L2
L3
PB7
PB6
PB5
PA3
PA2
PA1
RSTN
PB4
PA0
1.7 V to 3.6 V Power Supply
BlueNRG-LP
Application circuits
DS13282 - Rev 2
page 32/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com