Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE101 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STDRIVE101
Description  STDRIVE101 demonstration board for three-phase brushless motors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101 Datasheet(HTML) 5 Page - STMicroelectronics

  STDRIVE101 Datasheet HTML 1Page - STMicroelectronics STDRIVE101 Datasheet HTML 2Page - STMicroelectronics STDRIVE101 Datasheet HTML 3Page - STMicroelectronics STDRIVE101 Datasheet HTML 4Page - STMicroelectronics STDRIVE101 Datasheet HTML 5Page - STMicroelectronics STDRIVE101 Datasheet HTML 6Page - STMicroelectronics STDRIVE101 Datasheet HTML 7Page - STMicroelectronics STDRIVE101 Datasheet HTML 8Page - STMicroelectronics STDRIVE101 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Figure 5. EVALSTDRIVE101 – Additional components
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
Phase U bypass
ceramic
capacitors -
optional
Phase U
optional shunt
resistor - not
mounted
Phase V
optional shunt
resistor - not
mounted
Phase W
optional shunt
resistor - not
mounted
NTC filter capacitor
Test Point -
not mounted
CP alternative network for over-current protection
default: not mounted
When mounted, R55, R63, R65, R71 must be disconnected
M3 Holes for screws and mechanical spacers
Phase V bypass
ceramic
capacitors -
optional
Phase W bypass
ceramic
capacitors -
optional
VM
VM
VM
VDD
SNSU_P
SNSV_P
SNSW_P
T_OUT
CP
SNSU_P
SNSV_P
SNSW_P
Title
Size
Docume nt Numbe r
R e v
Da te :
S he e t
o f
1
EVAL STDRIVE101 R1
A4
5
5
Title
Size
Docume nt Numbe r
R e v
Da te :
S he e t
o f
1
EVAL STDRIVE101 R1
A4
5
5
Title
Size
Docume nt Numbe r
R e v
Da te :
S he e t
o f
1
EVAL STDRIVE101 R1
A4
5
5
TP19
R75
NM
2W
1%
R74
NM
2W
1%
R73
NM
2W
1%
C33
220nF
MH3
M3 HOLE
R76
NM
FMB1
R77
NM
FMT3
R78
NM
R79
NM
MH2
M3 HOLE
FMT2
C39
100nF
C34
220nF
HS1
Optiona l He a tsink
FMB3
MH1
M3 HOLE
C35
220nF
MH4
M3 HOLE
C37
220nF
FMB2
FMT1
C38
220nF
C36
220nF
Table 2. EVALSTDRIVE101 – Bill of material
Item
Reference
Value
Part description
Package
1
CON1
2P Power connector
20 A power connector
Dual row, 2 poles, pitch 5 mm
2
CON2
3P Power connector
20 A power connector
Dual row, 3 poles, pitch 5 mm
3
C1, C3, C4
1 µF, 25 V
SMT ceramic capacitor
Size 0805
4
C2
10 nF, 25 V
SMT ceramic capacitor
Size 0603
5
C5
1 µF, 100 V
SMT ceramic capacitor
Size 0805
6
C6
100 nF, 100 V
SMT ceramic capacitor
Size 0805
7
C7
4.7 µF, 25 V
SMT ceramic capacitor
Size 0805
8
C8, C10, C11, C18,
C23, C24, C25,
C39
100 nF, 25 V
SMT ceramic capacitor
Size 0603
9
C9, C30
Not Mounted
SMT ceramic capacitor
Size 0603
10
C12, C13, C14,
C33, C34, C35,
C36, C37, C38
220 nF, 100 V
SMT ceramic capacitor
Size 1206
11
C15, C16, C17
220 µF, 100 V
TH electrolytic capacitor
Dia12.5mm x 25 mm
12
C19, C20, C21
1 nF, 50 V
SMT ceramic capacitor
Size 0603
13
C22, C26, C27,
C28, C31, C32
22 pF, 50 V
SMT ceramic capacitor
Size 0603
14
C29
3.3 nF, 50 V
SMT ceramic capacitor
Size 0603
EVALSTDRIVE101
Specifications
DB4298 - Rev 1
page 5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com