Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE101 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STDRIVE101
Description  STDRIVE101 demonstration board for three-phase brushless motors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STDRIVE101 Datasheet HTML 3Page - STMicroelectronics STDRIVE101 Datasheet HTML 4Page - STMicroelectronics STDRIVE101 Datasheet HTML 5Page - STMicroelectronics STDRIVE101 Datasheet HTML 6Page - STMicroelectronics STDRIVE101 Datasheet HTML 7Page - STMicroelectronics STDRIVE101 Datasheet HTML 8Page - STMicroelectronics STDRIVE101 Datasheet HTML 9Page - STMicroelectronics STDRIVE101 Datasheet HTML 10Page - STMicroelectronics STDRIVE101 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Item
Reference
Value
Part description
Package
46
R43, R45, R47
100 kΩ, 1%
SMT resistor
Size 0603
47
R44, R46, R48
510 Ω
SMT resistor
Size 0603
48
R49, R50, R51
7.5 kΩ, 1%
SMT resistor
Size 0603
49
R52, R56, R58,
R62, R67, R70
1.54 kΩ, 1%
SMT resistor
Size 0603
50
R54, R57, R61,
R64, R69, R72
20 kΩ, 1%
SMT resistor
Size 0603
51
R65
1.1 kΩ, 1%
SMT resistor
Size 0603
52
R73, R74, R75
Not mounted
SMT resistor
Size 2512
53
TP1, TP2, TP3,
TP4, TP5, TP6,
TP7, TP8, TP9,
TP10, TP11, TP12,
TP13, TP14, TP15,
TP16, TP17, TP18
TP-SMD
SMT test point
SMD pad 3.43 x 1.78 mm
54
U1
STDRIVE101
Three-phase gate driver
QFN 4x4 24 L pitch 0,5 mm
55
U2, U3, U4
TSV991AIQ
Rail to rail input/output
Operational Amplifier
DFN8 2x2
65
HS1
Heatsink, thermal conductive
interposer and
4 x M3 screws
75 x 74.6 x 15 mm
66
MH1, MH2, MH3,
MH4
4 x M3 screws and spacers
EVALSTDRIVE101
Specifications
DB4298 - Rev 1
page 7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com