Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE101 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STDRIVE101
Description  STDRIVE101 demonstration board for three-phase brushless motors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101 Datasheet(HTML) 2 Page - STMicroelectronics

  STDRIVE101 Datasheet HTML 1Page - STMicroelectronics STDRIVE101 Datasheet HTML 2Page - STMicroelectronics STDRIVE101 Datasheet HTML 3Page - STMicroelectronics STDRIVE101 Datasheet HTML 4Page - STMicroelectronics STDRIVE101 Datasheet HTML 5Page - STMicroelectronics STDRIVE101 Datasheet HTML 6Page - STMicroelectronics STDRIVE101 Datasheet HTML 7Page - STMicroelectronics STDRIVE101 Datasheet HTML 8Page - STMicroelectronics STDRIVE101 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1
Specifications
Table 1. EVALSTDRIVE101 - Specifications
Parameter
Value
Supply voltage
Nominal
From 6 V to 75 V
Maximum current
Continuous(1)
20 Arms
Peak (OC protection enabled)
35 A
Peak (OC protection disabled)
45 A
1. Actual maximum current could be limited by power dissipation.
The schematic of the EVALSTDRIVE101 (from Figure 1 to Figure 5 ) and the Bill of material (Table 2) are reported
below.
Figure 1. EVALSTDRIVE101 Schematic – Driver and MC connector
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
VBUS
SCP 1.03V
VM
nFault
DT
MODE
REG12
pGND
pGND
sGND
sGND
GND test point
Motor Control Connector
Current Sensing selectors
Jumper position: closed between pin1 and pin2
DUT
Closed: SC protection disabled
Open (default): SC protection enabled
SCREF
Default: Closed
Header 17x2
GND connections
EN_U
IN_V
EN_V
IN_W
EN_W
SCREF
nFault
IN_U
IS1
IS2
IS3
IS1
IS2
IS3
SCREF
nFault
VM
VM
VDD
VDD
VDD
+5V
VDD
ISNSG_V
ISNSG_U
ISNSG_W
GHS2
GHS3
GLS3
OUT_U
OUT_V
OUT_W
CP
H1-BEMF1
H2-BEMF2
H3-BEMF3
T_OUT
GPIO-BEMF
SNSV_P
SNSW_P
SNSU_P
Title
Size
Docume nt Numbe r
R e v
Da te :
S he e t
o f
1
EVAL S TDRIVE101 R1
A4
1
5
Title
Size
Docume nt Numbe r
R e v
Da te :
S he e t
o f
1
EVAL STDRIVE101 R1
A4
1
5
Title
Size
Docume nt Numbe r
R e v
Da te :
S he e t
o f
1
EVAL STDRIVE101 R1
A4
1
5
R9
91K
1%
J 3
J p 2.54mm
R8
39k
TP9
TP5
J 1
J p 2.54mm
1
2
TP8
TP6
R10
3.3K
1%
R1
0
J P1
GND_node
1
2
C7
4.7uF
25V
C3
1uF
25V
J 2
J p 2.54mm
1
2
R3
0
TP7
J 5
J p 2.54mm
1
2
3
R5
0
C10
100nF
LED1
RED
C8
100nF
25V
R4
10k
1%
R7
470
J 6
J p 2.54mm
1
2
3
C6
100nF
100V
J 7
J p 2.54mm
1
2
3
J 4
MC Conne ctor
1
3
5
7
9
11
13
15
17
19
21
23
25
2
4
6
8
10
12
14
16
18
20
22
24
26
27
29
31
33
28
30
32
34
C2
10nF
C4
1uF
25V
TP4
R6
51k
U1
STDRV101
BOOT2
17
BOOT3
13
CP
1
DT_MODE
2
GHS2
18
GHS3
14
GLS3
16
Epa d/GND
25
OUT3
15
REG12
5
S CREF
3
VS
4
nFAULT
6
R2
22k
1%
C1
1uF
25V
TP1
C11
100nF
25V
C9
NM
TP3
TP2
C5
1uF
100V
EVALSTDRIVE101
Specifications
DB4298 - Rev 1
page 2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com