Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE101 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STDRIVE101
Description  STDRIVE101 demonstration board for three-phase brushless motors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STDRIVE101 Datasheet HTML 2Page - STMicroelectronics STDRIVE101 Datasheet HTML 3Page - STMicroelectronics STDRIVE101 Datasheet HTML 4Page - STMicroelectronics STDRIVE101 Datasheet HTML 5Page - STMicroelectronics STDRIVE101 Datasheet HTML 6Page - STMicroelectronics STDRIVE101 Datasheet HTML 7Page - STMicroelectronics STDRIVE101 Datasheet HTML 8Page - STMicroelectronics STDRIVE101 Datasheet HTML 9Page - STMicroelectronics STDRIVE101 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Item
Reference
Value
Part description
Package
15
D1, D2, D3, D4,
D5, D6, D7, D9,
D10, D12, D13,
D15, D16, D17,
D18
BAT43WS
SMT Schottky Diode
SOD-323
16
D8, D11, D14
BAT46J
100 V, small signal Schottky
Diode
SOD-323
17
JP1
GND node
18
JP2, JP3, JP4
Current sense node
19
JP5, JP6
Default: open
Power solder bridge
20
JP7, JP8
Default:closed
Solder bridge
21
J1, J3, J13
Default: open
Jumper
1x2 Strip contact pitch 2.54 mm
22
J2
Default: closed
Jumper
1x2 Strip contact pitch 2.54 mm
23
J4
MC connector
Header vertical connector
2x17 poles
17x2 connector pitch 2.54 mm
24
J5, J6, J7, J8
Default:closed 1-2
Jumper
1x3 Strip contact pitch 2.54 mm
25
J10, J11, J12
Default: closed 2-3
Jumper
1x3 Strip contact pitch 2.54 mm
26
J9
Hall sensors connector
1x5 Strip contact pitch 2.54 mm
27
LED1
Red
CHIPLED 0805
Size 0805
28
LED2, LED3, LED4
Yellow
CHIPLED 0805
Size 0805
29
Q1, Q2, Q3, Q4,
Q5, Q6
STL110N10F7
N-channel 100 V Power
MOSFET
PowerFLAT™ 5x6
30
R1, R3, R5
0 Ω
SMT resistor
Size 0603
31
R2
22 kΩ, 1%
SMT resistor
Size 0603
32
R4, R34, R35, R36,
R53, R55, R59,
R60, R63, R68,
R71
10 kΩ, 1%
SMT resistor
Size 0603
33
R6
51 kΩ
SMT resistor
Size 0603
34
R7
470 Ω
SMT resistor
Size 0603
35
R8
39 kΩ
SMT resistor
Size 0603
36
R9
91 kΩ, 1%
SMT resistor
Size 0603
37
R10
3.3 kΩ, 1%
SMT resistor
Size 0603
38
R11, R12, R13,
R17, R18, R19
33 Ω
SMT resistor
Size 0603
39
R40, R41, R42,
R66, R76, R77,
R78, R79
Not mounted
SMT resistor
Size 0603
40
R14, R15, R16,
R20, R21, R22
22 kΩ
SMT resistor
Size 0603
41
R23, R24, R25,
R26, R27, R28
10 mΩ, 3 W, 1%
SMT resistor
Size 2512
42
R29
NTC -10 kΩ
SMT NTC resistor
Size 0603
43
R30
910 Ω
SMT resistor
Size 0603
44
R31, R32, R33
15 kΩ, 0.5 W
SMT resistor
Size 0805
45
R37, R38, R39
8.2 kΩ
SMT resistor
Size 0603
EVALSTDRIVE101
Specifications
DB4298 - Rev 1
page 6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com