Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE101 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STDRIVE101
Description  STDRIVE101 demonstration board for three-phase brushless motors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101 Datasheet(HTML) 3 Page - STMicroelectronics

  STDRIVE101 Datasheet HTML 1Page - STMicroelectronics STDRIVE101 Datasheet HTML 2Page - STMicroelectronics STDRIVE101 Datasheet HTML 3Page - STMicroelectronics STDRIVE101 Datasheet HTML 4Page - STMicroelectronics STDRIVE101 Datasheet HTML 5Page - STMicroelectronics STDRIVE101 Datasheet HTML 6Page - STMicroelectronics STDRIVE101 Datasheet HTML 7Page - STMicroelectronics STDRIVE101 Datasheet HTML 8Page - STMicroelectronics STDRIVE101 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Figure 2. EVALSTDRIVE101 – Power Stage
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
W
V
U
GND
VM max 75V
VM
GND
Power
solder
bridges
for single/three shunt
configuration
VM
Temperature Sensor
Connectors
W
V
U
NTC Vishay
NTCS0603E3103FMT
10 kOhm at 25°C
Differential
pair
Differential
pair
Differential
pair
VM
VM
VM
VM
VDD
GLS 1
GHS1
GLS 2
GHS2
GLS 3
GHS3
OUT_U
OUT_V
OUT_W
SNSU_P
SNSU_N
OUT_U
SNSU_P
SNSV_P
SNSW_P
T_OUT
OUT_V
SNSV_P
SNSV_N
OUT_W
SNSW_P
SNSW_N
Title
Size
Docume nt Numbe r
R e v
Da te :
S he e t
o f
1
EVAL S TDRIVE101 R1
A4
2
5
Title
Size
Docume nt Numbe r
R e v
Da te :
S he e t
o f
1
EVAL STDRIVE101 R1
A4
2
5
Title
Size
Docume nt Numbe r
R e v
Da te :
S he e t
o f
1
EVAL S TDRIVE101 R1
A4
2
5
R25
0.01
3W
1%
J P5
OP EN
R21
22k
CON1
1
2
3
4
+
C17
220uF
100V
C12
220nF
100V
R18
33
D3 BAT43WS
1
2
J P4
Curre ntSe ns e
1
2
TP 10
R14
22k
C14
220nF
100V
D5 BAT43WS
1
2
J P6
OPEN
R16
22k
TP 12
Q5
1
4
5
2 3
6 7 8
R13
33
R17
33
TP 11
TP 13
LED3
YELLOW
TP14
D6 BAT43WS
1
2
+
C16
220uF
100V
D2 BAT43WS
1
2
Q3
1
4
5
2 3
6 7 8
Q4
1
4
5
2 3
6 7 8
J P3
Curre ntS e ns e
1
2
R32
15k
1/2W
Q1
1
4
5
2 3
6 7 8
R15
22k
LED4
YELLOW
J P2
Curre ntSe ns e
1
2
R12
33
R28
0.01
3W
1%
R20
22k
R31
15k
1/2W
D4 BAT43WS
1
2
Q2
1
4
5
2 3
6 7 8
LED2
YELLOW
R30
910
1%
+
C15
220uF
100V
R27
0.01
3W
1%
R22
22k
R11
33
C13
220nF
100V
R24
0.01
3W
1%
R19
33
D1 BAT43WS
1
2
R26
0.01
3W
1%
Q6
1
4
5
2 3
6 7 8
R29
NTC 10k
CON2
1
2
3
4
5
6
R33
15k
1/2W
R23
0.01
3W
1%
Figure 3. EVALSTDRIVE101 – Hall Sensors/BEMF Networks
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
GND
A+/H1
B+/H2
Z+/H3
VHall
Default config: close between pin2 and 3,
Hall Sensors
Hall sensors
supply:
default to Vdd
3V3
BEMF-U
BEMF-V
BEMF-W
H1
H2
H3
BEMF-U
BEMF-V
BEMF-W
H1
H2
H3
VDD
+5V
VDD
VDD
VDD
VDD
GPIO-BEMF
OUT_W
OUT_V
OUT_U
H1-BEMF1
H2-BEMF2
H3-BEMF3
Title
Size
Docume nt Numbe r
R e v
Da te :
S he e t
o f
1
EVAL S TDRIVE101 R1
A4
3
5
Title
Size
Docume nt Numbe r
R e v
Da te :
S he e t
o f
1
EVAL STDRIVE101 R1
A4
3
5
Title
Size
Docume nt Numbe r
R e v
Da te :
S he e t
o f
1
EVAL STDRIVE101 R1
A4
3
5
J 12
J p 2.54mm
1
2
3
R44
510
D12
BAT43WS
D15
BAT43WS
D17
BAT43WS
C21
1nF
R42
NM
R49
7.5k
R45
100k
R51
7.5k
J 8
J p 2.54mm
R37
C18
100nF
25V
R34
10k
R35
10k
TP 15
R39
D8
BAT46J
1
2
R36
10k
R38
D16
BAT43WS
R46
510
D18
BAT43WS
D11
BAT46J
1
2
C19
1nF
D7
BAT43WS
R48
510
R43
100k
R41
NM
R50
7.5k
D10
BAT43WS
D14
BAT46J
1
2
D9
BAT43WS
J 9
J p 2.54mm
1
2
3
4
5
R40
NM
D13
BAT43WS
J 10
J p 2.54mm
1
2
3
R47
100k
C20
1nF
J 11
J p 2.54mm
1
2
3
8.2k
8.2k
8.2k
EVALSTDRIVE101
Specifications
DB4298 - Rev 1
page 3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com