Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983 Datasheet(PDF) 58 Page - STMicroelectronics

Part # L6983
Description  38 V, 3 A synchronous step-down converter with 17 μA quiescent current
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button L6983_V01 Datasheet HTML 54Page - STMicroelectronics L6983_V01 Datasheet HTML 55Page - STMicroelectronics L6983_V01 Datasheet HTML 56Page - STMicroelectronics L6983_V01 Datasheet HTML 57Page - STMicroelectronics L6983_V01 Datasheet HTML 58Page - STMicroelectronics L6983_V01 Datasheet HTML 59Page - STMicroelectronics L6983_V01 Datasheet HTML 60Page - STMicroelectronics L6983_V01 Datasheet HTML 61Page - STMicroelectronics L6983_V01 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 63 page
background image
Contents
1
Diagram ...........................................................................3
2
Pin configuration ..................................................................4
3
Typical application circuit..........................................................6
4
Absolute maximum ratings ........................................................7
4.1
ESD protection ................................................................ 7
4.2
Thermal characteristics ......................................................... 7
5
Electrical characteristics...........................................................8
5.1
Frequency selection table ...................................................... 10
6
Functional description ............................................................11
6.1
Enable ...................................................................... 11
6.2
Soft-start..................................................................... 12
6.3
Undervoltage lockout .......................................................... 13
6.4
Light-load operation ........................................................... 14
6.4.1
Low consumption mode (LCM) ............................................. 14
6.4.2
Low noise mode (LNM) ................................................... 18
6.4.3
Efficiency for low consumption mode and low noise mode part number .............. 19
6.4.4
Load regulation for low consumption mode and Low noise mode part number ......... 20
6.5
Switch-over feature ............................................................ 21
6.6
Spread spectrum .............................................................. 21
6.7
Overvoltage protection ......................................................... 21
6.8
Overcurrent protection ......................................................... 22
6.9
Thermal shutdown............................................................. 24
6.10
Power Good.................................................................. 24
7
Closing the loop ..................................................................26
7.1
GCO(s) control to output transfer function ......................................... 26
7.2
Error amplifier compensation network ............................................ 27
7.3
Voltage divider ................................................................ 28
8
Application notes .................................................................29
8.1
Programmable power up threshold ............................................... 29
L6983
Contents
DS13116 - Rev 2
page 58/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com