Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L6983
Description  38 V, 3 A synchronous step-down converter with 17 μA quiescent current
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L6983_V01 Datasheet HTML 26Page - STMicroelectronics L6983_V01 Datasheet HTML 27Page - STMicroelectronics L6983_V01 Datasheet HTML 28Page - STMicroelectronics L6983_V01 Datasheet HTML 29Page - STMicroelectronics L6983_V01 Datasheet HTML 30Page - STMicroelectronics L6983_V01 Datasheet HTML 31Page - STMicroelectronics L6983_V01 Datasheet HTML 32Page - STMicroelectronics L6983_V01 Datasheet HTML 33Page - STMicroelectronics L6983_V01 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
The device turns on when the average of the signal applied is higher than VEN rising (refer to Table 6. Electrical
characteristics). The device turns off when the average of the signal should be lower than VEN falling (refer to
Table 6. Electrical characteristics).
Considering, for example, a clock source with VPP = 5.0 V, the minimum duty cycle to guarantee the power-up is
given by:
Dutymin =VEN, Rising
VPP =0.24
(29)
The maximum duty cycle to guarantee the turn-off is given by:
DutyMAX, =VEN, Falling
VPP =0.2
(30)
The device allows also the AC coupling.
Figure 28. External synchronization. AC coupling
VIN
VIN
VINLDO
EN/CLKIN(*)
FSW
VCC
AGND
AGND
GND
VIN
RFSW
CVCC
CIN
Clock
Source
VPP
EXT. Clock(t)
CFILT
RFILT
CEN
REN H
REN L
The AC-coupling allows the device to keep the power-up and down thresholds defined by the partition connected
to EN/CLKIN pin and described on Section 8.1 Programmable power up threshold.
The following table resumes the minimum pulse duration for the external signal and maximum duty cycle that
allows the synchronization by keeping the selected power-up and down thresholds.
Table 8. External synchronization AC coupling suggested operation range
VPP [V]
TON, MIN, EXTClock [ns]
DMAX, EXTClock [%]
2.3
60
45
3.3
20
30
5
20
20
The minimum amplitude for the external clock signal is, for both the configurations, equal to 2.3 V.
The network given by CEN and RENL sets a high-pass filter. Considering a resistor in the order of 220 kΩ, a
capacitor equal to 1 nF is a correct choice.
8.3
Output voltage adjustment
The error amplifier reference voltage is 0.85 V typical (refer to Table 6. Electrical characteristics). The output
voltage is adjustable as per the following equation:
VOUT=0.85V∙ 1+R1R2
(31)
L6983
Output voltage adjustment
DS13116 - Rev 2
page 30/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com