Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L6983
Description  38 V, 3 A synchronous step-down converter with 17 μA quiescent current
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L6983_V01 Datasheet HTML 28Page - STMicroelectronics L6983_V01 Datasheet HTML 29Page - STMicroelectronics L6983_V01 Datasheet HTML 30Page - STMicroelectronics L6983_V01 Datasheet HTML 31Page - STMicroelectronics L6983_V01 Datasheet HTML 32Page - STMicroelectronics L6983_V01 Datasheet HTML 33Page - STMicroelectronics L6983_V01 Datasheet HTML 34Page - STMicroelectronics L6983_V01 Datasheet HTML 35Page - STMicroelectronics L6983_V01 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
CIN= IOUT
VPP∙FSW∙ 1−Dη ∙Dη
(36)
Considering η = 1 this function has its maximum in D = 0.5:
CINmin= IOUT
4∙VPPMAX∙FSW
(37)
Typically, CIN is dimensioned to keep the maximum peak-peak voltage across the input filter in the order of 5%
VINMAX.
In the following table, some suitable capacitor part numbers are listed.
Table 9. Capacitor part numbers
Manufacturer
Series
Size
Cap value (µF)
Rated voltage (V)
TDK
CGA5L3X5R1H106K160AB
1206
10
50
C3216X5R1H106K160AB
1206
10
50
Murata
GRT31CR61H106KE01
1206
10
50
8.5.2
Inductor selection
The inductor current ripple flowing into the output capacitor determines the output voltage ripple. Usually the
inductor value is selected in order to keep the current ripple lower than 20% - 40% of the output current over the
input voltage range. The inductance value can be calculated by the following equation:
∆IL=VIN−VOUT
L ∙TON=VOUTL∙TOFF
(38)
Where TON and TOFF are the on and off time of the internal power switch. The maximum current ripple, at fixed
VOUT, is obtained at maximum TOFF that is at minimum duty cycle. So fixing ΔIL = 20% to 40% of the maximum
output current, the minimum inductance value can be calculated:
Lmin= VOUT
∆ILMAX∙1−Dmin
FSW
(39)
For those applications requiring higher inductor value for minimized current ripple, pay attention the maximum
value must prevent the sub-harmonic instability given the designed internal slope compensation. As a
consequence the inductor value must satisfy the quality factor range:
0.4≤QP≤1.33
(40)
Where QP has been defined in Section 7.1 GCO(s) control to output transfer function.
The peak current through the inductor is given by:
IL,PK=IOUT+∆IL2
(41)
So if the inductor value decreases, the peak current (that has to be lower than the current limit of the device)
increases. The higher is the inductor value, the higher is the average output current that can be delivered, without
reaching the current limit.
8.5.3
Output capacitor selection
The triangular shape current ripple (with zero average value) flowing into the output capacitor gives the output
voltage ripple, that depends on the capacitor value and the equivalent resistive component (ESR). Therefore, the
output capacitor has to be selected in order to have a voltage ripple compliant with the application requirements.
The voltage ripple equation can be calculated as:
∆VOUT=ESR∙∆IL,MAX+ ∆IL,MAX
8∙COUT∙FSW
(42)
For a ceramic (MLCC) capacitor, the capacitive component of the ripple dominates the resistive one. While for an
electrolytic capacitor the opposite is true. Neglecting the ESR contribution the minimum value of the output
capacitor is given by:
L6983
Design of the power components
DS13116 - Rev 2
page 32/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com