Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6983
Description  38 V, 3 A synchronous step-down converter with 17 μA quiescent current
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6983_V01 Datasheet HTML 18Page - STMicroelectronics L6983_V01 Datasheet HTML 19Page - STMicroelectronics L6983_V01 Datasheet HTML 20Page - STMicroelectronics L6983_V01 Datasheet HTML 21Page - STMicroelectronics L6983_V01 Datasheet HTML 22Page - STMicroelectronics L6983_V01 Datasheet HTML 23Page - STMicroelectronics L6983_V01 Datasheet HTML 24Page - STMicroelectronics L6983_V01 Datasheet HTML 25Page - STMicroelectronics L6983_V01 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
6.8
Overcurrent protection
The current protection circuitry features a constant current protection, so the device limits the maximum peak
current (please refer to Table 6. Electrical characteristics) in overcurrent condition.
The L6983 device implements a pulse-by-pulse current sensing on both power elements (high-side and low-side
switches) for effective current protection over the duty cycle range. The high-side current sensing is called “peak”
the low-side sensing “valley”.
The internal noise generated during the switching activity makes the current sensing circuitry ineffective for a
minimum conduction time of the power element. This time is called “masking time” because the information from
the analog circuitry is masked by the logic to prevent an erroneous detection of the overcurrent event. Therefore,
the peak current protection is disabled for a masking time after the high-side switch is turned on. The masking
time for the valley sensing is activated after the low-side switch is turned on. In other words, the peak current
protection can be ineffective at extremely low duty cycles, the valley current protection at extremely high duty
cycles.
The L6983 device assures an effective overcurrent protection sensing the current flowing in both power elements.
In case one of the two current sensing circuitry is ineffective because of the masking time, the device is protected
sensing the current on the opposite switch. Thus, the combination of the “peak” and “valley” current limits assure
the effectiveness of the overcurrent protection even in extreme duty cycle conditions.
In case the current diverges because of the high-side masking time, the low-side power element is turned on until
the switch current level drops below the valley current sense threshold. The low-side operation is able to prevent
the high-side turn on, so the device can skip pulses decreasing the switching frequency.
Figure 19. Over current protection behavior
In worst case scenario, reported in Figure 19. Over current protection behavior of the overcurrent protection the
switch current is limited to:
IMAX=IVY+VIN−VOUT
L ∙TMASKHS
(7)
Where IVY is the current threshold of the valley sensing circuitry (please refer to Table 6. Electrical
characteristics) and TMASKHS is the masking time of the high-side switch (75 ns typ.).
L6983
Overcurrent protection
DS13116 - Rev 2
page 22/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com