Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6983 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L6983
Description  38 V, 3 A synchronous step-down converter with 17 μA quiescent current
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L6983_V01 Datasheet HTML 31Page - STMicroelectronics L6983_V01 Datasheet HTML 32Page - STMicroelectronics L6983_V01 Datasheet HTML 33Page - STMicroelectronics L6983_V01 Datasheet HTML 34Page - STMicroelectronics L6983_V01 Datasheet HTML 35Page - STMicroelectronics L6983_V01 Datasheet HTML 36Page - STMicroelectronics L6983_V01 Datasheet HTML 37Page - STMicroelectronics L6983_V01 Datasheet HTML 38Page - STMicroelectronics L6983_V01 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
Table 10. Bill of material
Reference
Part number
Description
Manufacturer
C1
CGA5L3X5R1H106K160AB
10 µF 50 V
TDK
C2A, C2B, C16
CGA4J3X7R1H105K125AB
1 µF 50 V
TDK
C3-C4
GCM31CR71C106KA64L
10 µF 16 V
MURATA
C5
CGA6P1X7R1C226M250AC
22 µF 16 V
TDK
C6
CGA3E2X7R1H104K080AA
100 nF 50 V
TDK
C7
C2012X8R1C105K125AB
1 µF 16V
TDK
C8, C9, C11, C17
NOT MOUNTED
C12-C13-C14
GRM31CR71H475KA12L
4.7 µF 50 V
Murata
C15
EEHZA1H101P
100 µF, 50 V
Panasonic
L1B
NOT MOUNTED
L1A
XAL6060-472ME
4.7 µH
Coilcraft
L2
XAL4030-472ME
4.7 µH
Coilcraft
L3
MPZ2012S221A
220 Ω 100 MHz
TDK
R1
10 k 1%
any
R2
NOT MOUNTED
R3
400 k 1%
any
R4
82 k 1%
any
R5
0
any
R6
NOT MOUNTED
R7
1 M 1%
any
R8
10 k 1%
any
R9
NOT MOUNTED
R11
NOT MOUNTED
R12
0
any
R13
0.1 k 1%
any
J2
U1
L6983CQTR
ST Microelectronics
L6983
Application board
DS13116 - Rev 2
page 35/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com