Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7983 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L7983
Description  60 V, 300 mA synchronous step-down switching regulator with 10 μA quiescent current
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7983 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L7983 Datasheet HTML 8Page - STMicroelectronics L7983 Datasheet HTML 9Page - STMicroelectronics L7983 Datasheet HTML 10Page - STMicroelectronics L7983 Datasheet HTML 11Page - STMicroelectronics L7983 Datasheet HTML 12Page - STMicroelectronics L7983 Datasheet HTML 13Page - STMicroelectronics L7983 Datasheet HTML 14Page - STMicroelectronics L7983 Datasheet HTML 15Page - STMicroelectronics L7983 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
5.2.1
LNM/LCM selection and synchronization
Depending on the low-side power MOSFET management, the inductor current can be allowed to reverse or not.
The choice can be performed during device operation by acting on the LNM/LCM pin.
When the low-noise mode (LNM) operation is selected, by forcing high pin LNM/LCM, the inductor current can
reverse. In this way a constant switching frequency is achieved, so limiting the output voltage ripple and providing
a prompt transient response.
Figure 7. LNM selected, no load
If the LNM/LCM pin is forced low, the low-consumption mode (LCM) is activated, with the aim of maximizing the
light load efficiency. When LCM is selected, the high-side MOSFET is turned on as soon as the FB pin is sensed
lower than VREFLCM, i.e. VREF reference voltage increased by 2% typ.:
VREFLCM=VREF∙1,02typ.
(2)
In LCM mode the HS MOS is turned on until ISKIP current is reached, then it is turned-off. The low-side MOSFET
is then turned on until one of the following conditions occurs:
The sensed inductor current drops to zero
The switching period (programmed through the FSW pin) has expired and the FB pin is still lower than the
voltage reference. In this case a new switching cycle is performed.
In LCM working mode the regulator switching frequency is load-dependent (i.e. LX pulses can be skipped) with
greater advantage to power conversion efficiency at light load.
The following waveforms are showing the switching activity in LCM working mode and different load.
L7983
Control loop and voltage programming
DS13354 - Rev 1
page 12/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com