Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7983 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L7983
Description  60 V, 300 mA synchronous step-down switching regulator with 10 μA quiescent current
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7983 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L7983 Datasheet HTML 11Page - STMicroelectronics L7983 Datasheet HTML 12Page - STMicroelectronics L7983 Datasheet HTML 13Page - STMicroelectronics L7983 Datasheet HTML 14Page - STMicroelectronics L7983 Datasheet HTML 15Page - STMicroelectronics L7983 Datasheet HTML 16Page - STMicroelectronics L7983 Datasheet HTML 17Page - STMicroelectronics L7983 Datasheet HTML 18Page - STMicroelectronics L7983 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
5.3
Switching frequency programming and dithering
The L7983 has one programming pin, FSW (pin 4), which is used to set the regulator free running switching
frequency.
The switching frequency programming feature is performed by selecting the proper 1% accuracy resistor, to be
mounted between pin 4 and ground or VCC, as summarized in the following table. The pinstrapping is active only
before the soft-start phase to minimize the IC consumption.
Refer also to Figure 1 for reference schematic.
Table 7. FSW pin programming resistor
Dithering enabled
Dithering disabled
#
RVCC [kΩ]
RGND [kΩ]
Fsw [kHz] (1)
#
RVCC [kΩ]
RGND [kΩ]
Fsw [kHz] (1)
1
0
--
1000
1
--
0
1000
2
1,8
--
200
2
--
1,8
200
3
3,3
--
400
3
--
3,3
400
4
5,6
--
500
4
--
5,6
500
5
10
--
700
5
--
10
700
6
18
--
1500
6
--
18
1500
7
33
--
2000
7
--
33
2000
8
56
--
2200
8
--
56
2200
1. Typical value. Refer to Table 6 for details.
L7983
Switching frequency programming and dithering
DS13354 - Rev 1
page 15/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com