Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7983 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L7983
Description  60 V, 300 mA synchronous step-down switching regulator with 10 μA quiescent current
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7983 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L7983 Datasheet HTML 21Page - STMicroelectronics L7983 Datasheet HTML 22Page - STMicroelectronics L7983 Datasheet HTML 23Page - STMicroelectronics L7983 Datasheet HTML 24Page - STMicroelectronics L7983 Datasheet HTML 25Page - STMicroelectronics L7983 Datasheet HTML 26Page - STMicroelectronics L7983 Datasheet HTML 27Page - STMicroelectronics L7983 Datasheet HTML 28Page - STMicroelectronics L7983 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
In a step-down converter, the input loop (including the input capacitor, the DC-DC regulator and ground
connection) is the most critical one due to high value pulsed currents flowing through it. In order to minimize the
EMI, this loop must be as short as possible with an adequate input capacitor placed very close to L7983 VIN and
GND (pin 8 and 10 respectively).
The feedback pin (FB) connection to the external resistor divider is a high impedance node, so the interference
can be minimized by placing the routing of the feedback node as far as possible from the high current paths. To
reduce the pick-up noise, the resistor divider must be placed very close to the device.
Thanks to the exposed pad of the device, the ground plane helps to reduce the junction to ambient thermal
resistance, so a wide ground plane enhances the thermal performance of the converter, allowing the high-power
conversion.
Refer to Section 6 Evaluation board for an example of the PCB layout.
5.7.5
Thermal considerations
The thermal design prevents the thermal shutdown of the device if junction temperature goes above 165 °C (typ.).
The three different sources of losses within the device are:
Conduction losses due to the non-negligible RDS(on) of the integrated power switches; these are equal to
PCOND=RHS,ON∙D∙IOUT2+RLS,ON∙ 1−D ∙IOUT2
(12)
where D is the duty cycle of the application and RHS,ON and RLS,ON are the maximum resistance overtemperature
of the power switches. Note that the duty cycle is theoretically given by the ratio between VOUT and VIN but
actually it is higher in order to compensate the losses of the regulator, so the conduction losses increase
compared with the ideal case;
Switching losses due to power MOSFETs turn-ON and OFF; these can be calculated as:
PSW=VIN∙IOUT∙ TRISE+TFALL
2 ∙FSW=VIN∙IOUT∙TTR∙FSW
(13)
where TRISE and TFALL are the overlap times of the voltage across the high-side power switch (VDS) and the
current flowing into it during turn-ON and turn-OFF phases. TTR is the equivalent switching time. For this device
the typical value for the equivalent switching time is 10 ns.
Quiescent current losses, calculated as follows:
PQ=VIN∙IQVIN+VBIAS∙IQVBIAS
(14)
where IQVIN and IQVBIAS are the L7983 quiescent currents in case of separate bias supply.
If VBIAS = VOUT the L7983 power conversion efficiency ηL7983 must be included in the previous equation:
PQVBIAS=VOUT=VIN∙ IQVIN,VBIAS=3.3V+  1ηL7983∙VBIASVIN
∙IQVBIAS, VBIAS=3.3V
(15)
If the switch-over feature is not used the total quiescent current losses are represented by:
PQVBIAS=GND=VIN∙IQVIN,VBIAS=GND
(16)
The L7983 total power losses are given by:
PLOSS=PCOND+PSW+PQ
(17)
The junction temperature TJ can be estimated with the following equation:
TJ=TA+PLOSS∙RTH,JA
(18)
where TA is the ambient temperature. RTH,JA is the equivalent thermal resistance junction to ambient of the
device; it can be calculated as the parallel of many paths of heat conduction from the junctions to the ambient. For
this device the path through the exposed pad is the one conducting the largest amount of heat. The RTH.JA
measured on the demonstration board described in the following section is about 50 °C/W.
L7983
Application design guidelines
DS13354 - Rev 1
page 25/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com