Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7983 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L7983
Description  60 V, 300 mA synchronous step-down switching regulator with 10 μA quiescent current
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7983 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L7983 Datasheet HTML 10Page - STMicroelectronics L7983 Datasheet HTML 11Page - STMicroelectronics L7983 Datasheet HTML 12Page - STMicroelectronics L7983 Datasheet HTML 13Page - STMicroelectronics L7983 Datasheet HTML 14Page - STMicroelectronics L7983 Datasheet HTML 15Page - STMicroelectronics L7983 Datasheet HTML 16Page - STMicroelectronics L7983 Datasheet HTML 17Page - STMicroelectronics L7983 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
Figure 10. LCM selected, 50 mA load
If an external clock is applied on the LNM/LCM pin, the L7983 switching activity is synchronized to the applied
clock and the LNM operation is enabled. The external clock must meet the electrical requirements summarized in
Table 7. In case no external clock is detected on LNM/LCM for TLNM/LCM (14 µs typ.), the free running clock
programmed on pin FSW through RFSW resistor is restored as switching frequency. Refer to
Section 5.3 Switching frequency programming and dithering.
TLNM/LCM is also the typical delay between LNM to LCM and the opposite transition.
Figure 11. LCM to LNM transition, no load
L7983
Control loop and voltage programming
DS13354 - Rev 1
page 14/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com