Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7983 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L7983
Description  60 V, 300 mA synchronous step-down switching regulator with 10 μA quiescent current
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7983 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L7983 Datasheet HTML 22Page - STMicroelectronics L7983 Datasheet HTML 23Page - STMicroelectronics L7983 Datasheet HTML 24Page - STMicroelectronics L7983 Datasheet HTML 25Page - STMicroelectronics L7983 Datasheet HTML 26Page - STMicroelectronics L7983 Datasheet HTML 27Page - STMicroelectronics L7983 Datasheet HTML 28Page - STMicroelectronics L7983 Datasheet HTML 29Page - STMicroelectronics L7983 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
6
Evaluation board
6.1
Schematic and PCB layout
Figure 22. Evaluation board schematic
TP2
VIN
C4
TP5
LX
TP9
RESET
R6
100k
TP11
VCC
R4
TP6
ENABLE
R7
N.M.
TP3
VOUT
C6
100nF
TP4
GND
TP7
LNM-LCM
R10
R8
100k
R5
100k
L1
+
C10
R9
C1
1uF
TP8
GND
TP12
VBIAS
R3
C3
470nF
C5
NM
R1
TP1
GND
U1
L7983
GND
10
VCC
3
VOUT/FB
1
EN/UVLO
7
RESET
6
LNM/LCM
5
VIN
8
VBIAS
2
LX
9
FSW
4
EP
11
C2
R2
VIN
VOUT
VOUT
VCC
LNM-LCM
ENABLE
VIN
LNM-LCM
RESET
ENABLE
VIN
FSW
VBIAS
VCC
VBIAS
VIN
L7983
Evaluation board
DS13354 - Rev 1
page 26/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com