Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24128X-FCU6T/TF Datasheet(PDF) 8 Page - STMicroelectronics

Part # M24128X-FCU6T/TF
Description  128-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128X-FCU6T/TF Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M24128X-FCU6T/TF Datasheet HTML 4Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 5Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 6Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 7Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 8Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 9Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 10Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 11Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
5.1
Start condition
Start is identified by a falling edge of Serial Data (SDA) while Serial Clock (SCL) is stable in the high state. A Start
condition must precede any data transfer instruction. The device continuously monitors (except during a Write
cycle) Serial Data (SDA) and Serial Clock (SCL) for a Start condition.
5.2
Stop condition
Stop is identified by a rising edge of Serial Data (SDA) while Serial Clock (SCL) is stable and driven high. A Stop
condition terminates communication between the device and the bus master. A Read instruction that is followed
by NoAck can be followed by a Stop condition to force the device into the Standby mode.
A Stop condition at the end of a Write instruction triggers the internal Write cycle.
5.3
Data input
During data input, the device samples Serial Data (SDA) on the rising edge of Serial Clock (SCL). For correct
device operation, Serial Data (SDA) must be stable during the rising edge of Serial Clock (SCL), and the Serial
Data (SDA) signal must change only when Serial Clock (SCL) is driven low.
5.4
Acknowledge bit (ACK)
The acknowledge bit is used to indicate a successful byte transfer. The bus transmitter, whether it be bus master
or slave device, releases Serial Data (SDA) after sending eight bits of data. During the 9th clock pulse period, the
receiver pulls Serial Data (SDA) low to acknowledge the receipt of the eight data bits.
5.5
Device addressing
To start communication between the bus master and the slave device, the bus master must initiate a start
condition. Following this, the bus master sends the device select code, shown in Table 4 on serial data (SDA),
most significant bit first.
Table 4. Device select code
Device type identifier (1)
Chip enable address (2)
RW
b7
b6
b5
b4
b3
b2
b1
b0
1
0
1
0
C2
C1
C0
RW
1. The most significant bit, b7, is sent first.
2. b3, b2 and b1 are compared with the C2, C1 and C0 values programmed in the chip enable register.
When the device select code is received, the device responds only if the b3, b2 and b1 values match the values
of the C2, C1 and C0 bits programmed in the chip enable register.
If a match occurs, the corresponding device gives an acknowledgment on serial data (SDA) during the 9th bit
time.
If the device does not acknowledge the device select code, the device de-selects itself from the bus, and goes
into standby mode (therefore will not acknowledge the device select code).
The 8th bit is the Read/Write bit (RW). This bit is set to 1 for Read and 0 for Write operations.
M24128X-FCU
Start condition
DS12680 - Rev 2
page 8/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com