Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24128X-FCU6T/TF Datasheet(PDF) 16 Page - STMicroelectronics

Part # M24128X-FCU6T/TF
Description  128-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128X-FCU6T/TF Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M24128X-FCU6T/TF Datasheet HTML 12Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 13Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 14Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 15Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 16Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 17Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 18Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 19Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
6.4
Read operations on chip enable register
Read operations are performed independently of the state software write protect bit (SWP).
Following a start condition the bus master sends a device select code with the R/W bit (RW) set to 0. The device
acknowledges this and waits for the address bytes where the register is located. The device responds to each
address byte with an acknowledge. Then, the bus master sends another start condition, and repeats the device
select code with the RW bit set to 1. The device acknowledges this, and outputs the contents of the chip enable
register.
To terminate the stream of data byte, the bus master must not acknowledge the byte, and must generate a stop
condition, as shown in Figure 10.
After the successful completion of a random address read operation, the device internal address counter is not
incremented by one, to point to the next byte address. Reading more than one byte will loop on reading the chip
enable register value.
Reading the chip enable register is performed with a random read instruction at address 1xxx.xxxx.xxxx.xxxxb:
•
Bits b7, b6, b5, b4 of the chip enable register content are read as 0, 0, 0, 0.
•
The configurable device address bits b3, b2, b1 are described in Section 4.1 Chip enable register.
•
The software write protection bit b0 is defined in Section 4.1 Chip enable register.
The chip enable register cannot be read while a write cycle (tw) is ongoing.
The chip enable address value can be checked by sending the device select code.
•
If the chip enable address b3, b2, b1 sent in the device select code is matching with the C2, C1 and C0
values, device will send an acknowledge.
•
Otherwise, device will answer NoACK.
Figure 10. Read on chip enable register
Dev sel(1)
Byte addr
Byte addr
ACK
R/W
ACK
ACK
Dev sel(1)
ACK
Data out
NO ACK
R/W
1.
The seven most significant bits of the device select code of a random read (in the first and fourth bytes) must
be identical.
M24128X-FCU
Read operations on chip enable register
DS12680 - Rev 2
page 16/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com