Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24128X-FCU6T/TF Datasheet(PDF) 34 Page - STMicroelectronics

Part # M24128X-FCU6T/TF
Description  128-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128X-FCU6T/TF Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M24128X-FCU6T/TF Datasheet HTML 27Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 28Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 29Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 30Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 31Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 32Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 33Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 34Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
List of figures
Figure 1.
Logic diagram..................................................................... 2
Figure 2.
4-bump WLCSP connections .......................................................... 3
Figure 3.
Block diagram .................................................................... 5
Figure 4.
I2C bus protocol ................................................................... 7
Figure 5.
Write mode sequence SWP bit = 0 (data write enabled) ....................................... 10
Figure 6.
Write mode sequence with SWP bit = 1 (data write inhibited) ................................... 11
Figure 7.
Write cycle polling flowchart using ACK .................................................. 12
Figure 8.
Write on chip enable register ......................................................... 13
Figure 9.
Read mode sequences ............................................................. 14
Figure 10.
Read on chip enable register ......................................................... 16
Figure 11.
AC measurement I/O waveform ....................................................... 19
Figure 12.
Maximum Rbus value vs. bus parasitic capacitance (Cbus) for an I2C bus at maximum frequency fC = 400 kHz . 23
Figure 13.
Maximum Rbus value vs. bus parasitic capacitance (Cbus) for an I2C bus at fC = 1MHz.................. 23
Figure 14.
AC waveforms ................................................................... 24
Figure 15.
Ultra thin WLCSP- 4-bump, 0.851 x 0.851 mm, wafer level chip scale package outline.................. 25
Figure 16.
Ultra thin WLCSP- 4-bump, 0.851 x 0.851 mm, with BSC, wafer level chip scale package outline .......... 27
Figure 17.
Ultra thin WLCSP- 4-bump, 0.851 x 0.851 mm, wafer level chip scale recommended footprint ............ 28
M24128X-FCU
List of figures
DS12680 - Rev 2
page 34/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com