Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24128X-FCU6T/TF Datasheet(PDF) 18 Page - STMicroelectronics

Part # M24128X-FCU6T/TF
Description  128-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128X-FCU6T/TF Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M24128X-FCU6T/TF Datasheet HTML 14Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 15Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 16Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 17Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 18Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 19Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 20Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 21Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
8
Maximum ratings
Stressing the device outside the ratings listed in Table 8 may cause permanent damage to the device. These are
stress ratings only, and operation of the device at these, or any other conditions outside those indicated in the
operating sections of this specification, is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Table 8. Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
-
Ambient operating temperature
–40
130
°C
TSTG
Storage temperature
–65
150
°C
TLEAD
Lead temperature during soldering
see note (1)
°C
IOL
DC output current (SDA = 0)
-
5
mA
VIO
Input or output range
–0.50
6.5
V
VCC
Supply voltage
–0.50
6.5
V
VESD
Electrostatic pulse (human body model)(2)
-
4000
V
1. Compliant with JEDEC standard J-STD-020D (for small-body, Sn-Pb or Pb free assembly), the ST ECOPACK 7191395
specification, and the European directive on Restrictions on Hazardous Substances (RoHS directive 2011/65/EU of July
2011).
2. Positive and negative pulses applied on different combinations of pin connections, according to AECQ100-002 (compliant
with ANSI/ESDA/JEDEC JS-001-2012, C1=100 pF, R1=1500 Ω).
M24128X-FCU
Maximum ratings
DS12680 - Rev 2
page 18/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com