Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24128X-FCU6T/TF Datasheet(PDF) 2 Page - STMicroelectronics

Part # M24128X-FCU6T/TF
Description  128-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128X-FCU6T/TF Datasheet(HTML) 2 Page - STMicroelectronics

  M24128X-FCU6T/TF Datasheet HTML 1Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 2Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 3Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 4Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 5Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 6Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 7Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 8Page - STMicroelectronics M24128X-FCU6T/TF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
1
Description
This EEPROM device supports standard I²C instruction set.
The M24128X-FCU is a 128-Kbit I2C-compatible EEPROM (electrically erasable PROgrammable memory)
organized as 16 K × 8 bits and delivered in a 4-ball WLCSP package.
The M24128X-FCU can operate with a supply voltage of 1.7 V to 5 V, over an ambient temperature range of -40
°C/+85 °C. It can also operate down to 1.6 V, under some restricting conditions
The M24128X-FCU additionally offers an 8-bit chip enable register for the configurable device address (CDA), to
configure by software up to eight possibilities of chip enable address, and the memory write protection, enabled
by setting, always through software, the write protection bit.
Figure 1. Logic diagram
VCC
VSS
SDA
SCL
M24128X-FCU
Table 1. Signal names
Signal name
Function
Direction
SDA
Serial Data
I/O
SCL
Serial Clock
Input
VCC
Supply voltage
-
VSS
Ground
-
M24128X-FCU
Description
DS12680 - Rev 2
page 2/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com