Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003F3 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STM8S003F3
Description  Value line, 16-MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STM8S003F3 Datasheet HTML 48Page - STMicroelectronics STM8S003F3 Datasheet HTML 49Page - STMicroelectronics STM8S003F3 Datasheet HTML 50Page - STMicroelectronics STM8S003F3 Datasheet HTML 51Page - STMicroelectronics STM8S003F3 Datasheet HTML 52Page - STMicroelectronics STM8S003F3 Datasheet HTML 53Page - STMicroelectronics STM8S003F3 Datasheet HTML 54Page - STMicroelectronics STM8S003F3 Datasheet HTML 55Page - STMicroelectronics STM8S003F3 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 103 page
background image
Electrical characteristics
STM8S003F3 STM8S003K3
52/103
DS7147 Rev 10
Table 21. Total current consumption with code execution in run mode at VDD = 5 V
Symbol
Parameter
Conditions
Typ
Max (1) Unit
IDD(RUN)
Supply
current in
run mode,
code
executed
from RAM
fCPU = fMASTER = 16 MHz
HSE crystal osc. (16 MHz)
2.3
-
mA
HSE user ext. clock (16 MHz)
2
2.35
HSI RC osc. (16 MHz)
1.7
2
fCPU = fMASTER/128 = 125 kHz
HSE user ext. clock (16 MHz)
0.86
-
HSI RC osc. (16 MHz)
0.7
0.87
fCPU = fMASTER/128 =
15.625 kHz
HSI RC osc. (16 MHz/8)
0.46
0.58
fCPU = fMASTER = 128 kHz
LSI RC osc. (128 kHz)
0.41
0.55
Supply
current in
run mode,
code
executed
from Flash
fCPU = fMASTER = 16 MHz
HSE crystal osc. (16 MHz)
4.5
-
HSE user ext. clock (16 MHz)
4.3
4.75
HSI RC osc.(16 MHz)
3.7
4.5
fCPU = fMASTER = 2 MHz
HSI RC osc. (16 MHz/8)(2)
0.84
1.05
fCPU = fMASTER/128 = 125 kHz
HSI RC osc. (16 MHz)
0.72
0.9
fCPU = fMASTER/128 =
15.625 kHz
HSI RC osc. (16 MHz/8)
0.46
0.58
fCPU = fMASTER = 128 kHz
LSI RC osc. (128 kHz)
0.42
0.57
1. Data based on characterization results.
2. Default clock configuration measured with all peripherals off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com