Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003F3 Datasheet(PDF) 57 Page - STMicroelectronics

Part # STM8S003F3
Description  Value line, 16-MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM8S003F3 Datasheet HTML 53Page - STMicroelectronics STM8S003F3 Datasheet HTML 54Page - STMicroelectronics STM8S003F3 Datasheet HTML 55Page - STMicroelectronics STM8S003F3 Datasheet HTML 56Page - STMicroelectronics STM8S003F3 Datasheet HTML 57Page - STMicroelectronics STM8S003F3 Datasheet HTML 58Page - STMicroelectronics STM8S003F3 Datasheet HTML 59Page - STMicroelectronics STM8S003F3 Datasheet HTML 60Page - STMicroelectronics STM8S003F3 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 103 page
background image
DS7147 Rev 10
57/103
STM8S003F3 STM8S003K3
Electrical characteristics
87
Total current consumption and timing in forced reset state
Current consumption of on-chip peripherals
Subject to general operating conditions for VDD and TA.
HSI internal RC/fCPU = fMASTER = 16 MHz, VDD = 5 V.
Table 30. Total current consumption and timing in forced reset state
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
IDD(R)
Supply current in reset state (2)
VDD = 5 V
400
-
µA
VDD = 3.3 V
300
-
tRESETBL
Reset pin release to vector fetch
-
-
150
µs
1. Data guaranteed by design.
2. Characterized with all I/Os tied to VSS.
Table 31. Peripheral current consumption
Symbol
Parameter
Typ.
Unit
IDD(TIM1)
TIM1 supply current (1)
1. Data based on a differential IDD measurement between reset configuration and timer counter running at
16 MHz. No IC/OC programmed (no I/O pads toggling). Not tested in production.
210
µA
IDD(TIM2)
TIM2 supply current (1)
130
IDD(TIM4)
TIM4 timer supply current (1)
50
IDD(UART1)
UART1 supply current(1)
120
IDD(SPI)
SPI supply current(1)
45
IDD(I2C)
I2C supply current (1)
65
IDD(ADC1)
ADC1 supply current when converting(1)
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com