Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003F3 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM8S003F3
Description  Value line, 16-MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM8S003F3 Datasheet HTML 20Page - STMicroelectronics STM8S003F3 Datasheet HTML 21Page - STMicroelectronics STM8S003F3 Datasheet HTML 22Page - STMicroelectronics STM8S003F3 Datasheet HTML 23Page - STMicroelectronics STM8S003F3 Datasheet HTML 24Page - STMicroelectronics STM8S003F3 Datasheet HTML 25Page - STMicroelectronics STM8S003F3 Datasheet HTML 26Page - STMicroelectronics STM8S003F3 Datasheet HTML 27Page - STMicroelectronics STM8S003F3 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 103 page
background image
Pinouts and pin descriptions
STM8S003F3 STM8S003K3
24/103
DS7147 Rev 10
21
PC4/TIM1_CH4/C
LK_CCO
I/O X
XX HS O3 X
X Port C4
Timer 1 -
channel
4/configurable
clock output
-
22
PC5/SPI_SCK
I/O X
XX HS O3 X
X Port C5 SPI clock
-
23
PC6/SPI_MOSI
I/O X
XX HS O3 X
X Port C6
SPI master
out/slave in
-
24
PC7/SPI_MISO
I/O X
XX HS O3 X
X Port C7
SPI master in/
slave out
-
25
PD0/[TIM1_BKIN
[CLK_CCO]
I/O X
XX HS O3 X
X Port D0
Timer 1 - break
input
Configurable
clock output
[AFR5]
26
PD1/SWIM(4)
I/O X
X
XHS O4 X
X Port D1
SWIM data
interface
-
27
PD2
[TIM2_CH3]
I/O X
XX HS O3 X
X Port D2
-
Timer 2 -
channel 3
[AFR1]
28
PD3/TIM2_CH2
[ADC_ETR]
I/O X
XX HS O3 X
X Port D3
Timer 2 -
channel 2/ADC
external trigger
-
29
PD4/BEEP/
TIM2_CH1
I/O X
XX HS O3 X
X Port D4
Timer 2 -
channel
1/BEEP output
-
30
PD5/ UART1_TX I/O X
XX HS O3 X
X Port D5
UART1 data
transmit
-
31
PD6/ UART1_RX I/O X
XX HS O3 X
X Port D6
UART1 data
receive
-
32
PD7/TLI
[TIM1_CH4]
I/O X
XX HS O3 X
X Port D7
Top level
interrupt
Timer 1 -
channel 4
[AFR6]
1. I/O pins used simultaneously for high-current source/sink must be uniformly spaced around the package. In
addition, the total driven current must respect the absolute maximum ratings given in Section 9: Electrical
characteristics.
2. When the MCU is in Halt/Active-halt mode, PA1 is automatically configured in input weak pull-up and
cannot be used for waking up the device. In this mode, the output state of PA1 is not driven. It is
recommended to use PA1 only in input mode if Halt/Active-halt is used in the application.
3. In the open-drain output column, "T" defines a true open-drain I/O (P-buffer, weak pull-up, and protection
diode to VDD are not implemented).
4. The PD1 pin is in input pull-up during the reset phase and after the internal reset release.
Table 5. STM8S003K3 descriptions (continued)
Pin name
Input
Output
Default
alternate
function
Alternate
function
after remap
[option bit]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com